Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
DC Specifications (continued)
Specifications are for 1-hour warm-up at an integration time of 100 PLCs.
DC Voltage Characteristics:
Measurement method:
Continuously integrating, multi-slope III A/D converter
A/D linearity:
0.0002% of reading + 0.0001% of range
2/4-wire Ω:
100 MΩ
Input resistance:
0.1 V, 1 V, 10 V ranges:
Selectable 10 MΩ or 10 GΩ
100 V, 300 V ranges:
10 MΩ ± 1%
Input bias current:
<30 pA at 25°C
Input terminals:
Copper alloy
Input protection:
300 V on all ranges
Resistance:
Measurement method:
Selectable 4-wire or 2-wire Ω
(Current source referenced to low input)
Max. lead resistance:
(4-wire Ω) 10% of range per lead for dc Current
100 Ω and 1 kΩ per lead on all other ranges
Input protection:
300 V on all ranges
Shunt resistor:
0.1 Ω for 1 A and 3 A, 5 Ω for 10 mA and 100 mA
Input protection:
Externally accessible 3 A, 250 V fuse
Measurement Noise Rejection:
60 Hz (50 Hz) (For 1 kΩ unbalance in LO lead.)
DC CMMR:
140 dB
Integration Time
Normal mode rejection1
100 PLC/1.67s (2s)
60 dB2
10 PLC/167 ms (200 ms)
60 dB2
1 PLC/16.7 ms (20 ms)
60 dB2
<1 PLC/3 ms (800 µs)
0 dB
1 For power-line frequency ± 0.1%.
2 For power-line frequency ± 1%, subtract 20 dB; for ± 3%, subtract 30 dB.
System Speed:
(Speeds are for 4.5 digits, Delay 0 and Autozero OFF. Includes measurement and data transfer over VXI backplane.)
Function change:
30/s
Range change:
65/s
Autorange time:
<30 ms
Max. internal trigger rate:
1000/s
Max. external trigger rate to memory:
1000/s


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn