Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DC Specifications
Specifications are for 1-hour warm-up at an integration time of 100 PLCs.
DC Summary:
DC voltage:
300 V max.
Voltage accuracy (dc):
± 0.0019%
DC Accuracy ± (% of reading + % of range): Specifications for 1-hour warm-up at 6.5 digits
DC voltage:
Range2
Test Current or
24 Hour1
90 Day
1 Year
Temperature Coefficient
Burden Voltage
23°C ± 1°C
23°C ± 5°C
23°C ± 5°C
0°C - 18°C
28°C - 55°C
100.0000 mV
0.0030 + 0.0030
0.0040 + 0.0035
0.0050 + 0.0035
0.0005 + 0.0005
1.000000 V
0.0020 + 0.0006
0.0030 + 0.0007
0.0040 + 0.0007
0.0005 + 0.0001
10.00000 V
0.0015 + 0.0004
0.0020 + 0.0005
0.0035 + 0.0005
0.0005 + 0.0001
100.0000 V
0.0020 + 0.0006
0.0035 + 0.0006
0.0045 + 0.0006
0.0005 + 0.0001
300.0000 V
0.0020 + 0.0018
0.0035 + 0.0030
0.0045 + 0.0030
0.0005 + 0.0003
Range
Test Current or
24 Hour1
90 Day
1 Year
Temperature Coefficient
Resistance:3
Burden Voltage
23°C ± 1°C
23°C ± 5°C
23°C ± 5°C
0°C - 18°C
28°C - 55°C
100.0000 Ω
1 mA
0.0030 + 0.0030
0.008 + 0.004
0.010 + 0.004
0.0006 + 0.0005
1.000000 kΩ
1 mA
0.0020 + 0.0005
0.008 + 0.001
0.010 + 0.001
0.0006 + 0.0001
10.00000 kΩ
100 µA
0.0020 + 0.0005
0.008 + 0.001
0.010 + 0.001
0.0006 + 0.0001
100.0000 kΩ
10 µA
0.0020 + 0.0005
0.008 + 0.001
0.010 + 0.001
0.0006 + 0.0001
1.000000 MΩ
5 µA
0.002 + 0.001
0.008 + 0.001
0.010 + 0.001
0.0010 + 0.0002
10.00000 MΩ
500 nA
0.015 + 0.001
0.035 + 0.001
0.054 + 0.001
0.0030 + 0.0004
100.0000 MΩ
500 nA || 10 MΩ
0.300 + 0.010
0.800 + 0.010
0.800 + 0.010
0.1500 + 0.0002
Range
Test Current or
24 Hour
90 Day
1 Year
Temperature Coefficient
dc current:
Burden Voltage
23°C ± 1° C
23°C ± 5° C
23°C ± 5°C
0°C - 18°C
28°C - 55°C
10.00000 mA
<0.1 V
0.005 + 0.010
0.050 + 0.020
0.070 + 0.020
0.005 + 0.0020
100.0000 mA
<0.6 V
0.01 + 0.004
0.040 + 0.005
0.070 + 0.005
0.006 + 0.0005
1.000000 A
<1 V
0.10 + 0.006
0.130 + 0.010
0.150 + 0.010
0.005 + 0.0010
3.000000 A
<2 V
0.70 + 0.020
0.720 + 0.020
0.720 + 0.020
0.005 + 0.0020
DC:DC Ratio:
Range2
100 mV to 300 V: (Input Accuracy) + (Reference Accuracy)
Input Accuracy = accuracy specification for the HI-LO input signal
Reference Accuracy = accuracy specification for HI-LO reference input signal
1 Relative to calibration standards.
2 20% overrange on all ranges, except 300 Vdc and 3 A range.
3 Specifications are for 4-wire Ω function, or 2-wire Ω using Math Null, without Math Null, add 0.2 Ω additional error in 2-wire Ω function.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn