Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Module Current:
IPM
IDM
+5 V:
0.2
0.1
+12 V:
0.7
0.06
-12 V:
0
0
+24 V:
0
0
-24 V:
0
0
-5.2 V:
0
0
-2 V:
0
0
Cooling Slot:
Watts/slot:
9.40
∆P mm H2O:
0.05
Air Flow liter/s:
0.80
Ordering Information
Description
Product No.
6.5-Digit Multimeter,
E1412A
High Accuracy
ANSI Z540
E1412A A6J
Compliant Calibration
3 year return to
E1412A W01
Agilent to 1 year
OnSite warranty
General Specifications
VXI Characteristics:
VXI device type:
Message
based
Data transfer bus:
A16
Size:
C
Slots:
1
Connectors:
P1/2
Shared memory:
n/a
VXI buses:
n/a
Instrument Drivers:
See the Agilent Technologies Website
http://www.agilent.com/find/inst_drivers
for driver availability and downloading.
Command module firmware:
n/a
Command module firmware rev:
n/a
I-SCPI Win 3.1:
n/a
I-SCPI Series 700:
n/a
C-SCPI LynxOS:
n/a
C-SCPI Series 700:
n/a
Panel Drivers:
No
VXIplug&play Win Framework:
Yes
VXIplug&play Win95/NT Framework: Yes
VXIplug&play HP-UX Framework:
No


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn