Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Frequency and Period Specifications (continued)
Operating Characteristics:
Speeds are for 4.5 digits, Delay 0, and Fast ac filter.
Function
Digits
Reading/s
Frequency, Period
6.5
1
Frequency, Period
5.5
9.8
Frequency, Period
4.5
80
Systems Speeds:
Configuration rates:
14/s
Autorange time:
<0.6 s
Max. internal trigger rate:
80/s
Max. external trigger rate to memory:
80/s
Characteristics:
Warmup time:
1 hour
State storage memory:
Power-off state automatically saved
Functions:
Idc:
3 A
Iac:
3 A
Frequency:
300 kHz
Period:
3.3 µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn