Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Frequency and Period Specifications
Frequency and Period Accuracy (% of reading):
Specifications are for 1-hour warm-up at 6.5 digits.
Function
Range2
Frequency
24 Hour1
90 Day
1 Year
Temperature
Coefficient
23°C ± 1°C
23°C ± 5°C
23°C ± 5°C
0°C - 18°C
28°C - 55°C
Frequency, Period
100 mV to 300 V
3 Hz-5 Hz
0.10
0.10
0.10
0.005
Frequency, Period
100 mV to 300 V
5 Hz-10 Hz
0.05
0.05
0.06
0.005
Frequency, Period
100 mV to 300 V
10 Hz-40 Hz
0.03
0.03
0.03
0.001
Frequency, Period
100 mV to 300 V
40 Hz-300 kHz
0.006
0.01
0.01
0.001
1 Relative to calibration standards.
2 20% overrange on all ranges, except 300 Vac range which has 1% overrange.
Measuring Characteristics:
Measurement method:
Reciprocal-counting technique. AC-coupled input using the ac voltage measurement function.
Voltage ranges:
100 mV rms full scale to 300 V rms. Auto or manual ranges.
Gate time:
10 ms, 100 ms, or 1 s
Settling considerations:
Errors will occur when attempting to measure the frequency or period of an input following a
dc offset voltage change. The input blocking RC time constant must be allowed to fully settle
(up to 1 s) before the most accurate measurements are possible.
Measurement considerations: All frequency counters are susceptible to error when measuring low-voltage, low-frequency
signals. Shielding inputs from external noise pickup is critical for minimizing measurement errors.
Max. reading rate:
1 K


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn