Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
AC Specifications (continued)
AC Operating Characteristics:
Maximum reading rates 0.01% of ac step additional error. Additional settling delay required when input dc level varies.
Function
Digits
Reading/s
AC Filter
ACV and ACI
6.5
7 s/reading
Slow
ACV and ACI
6.5
1
Medium
ACV and ACI
6.5
1.61
Fast
ACV and ACI
6.5
10
Fast
ACV and ACI
6.5
502
Fast
1 For External Trigger or remote operation using default settling delay (Delay Auto).
2 Maximum useful limit with default settling delays used.
Systems Speeds:
Maximum useful limit with default settling delays used; Speeds are for 4.5 digits, Delay 0, and Fast ac filter.
Function or range change:
5/s
Autorange time:
<0.8 s
ASCII reading to GPIB:
50/s
Max. internal trigger rate:
50/s
Max. external trigger rate to memory:
50/s
Additional Low-Frequency Errors (% of reading):
Input >100 mV. For mV input, multiply % of reading error x 10.
Frequency
6.5 digits
5.5 digits
4.5 digits
3 Hz-5 Hz
0
0.12
0.12
5 Hz-10 Hz
0
0.17
0.17
10 Hz-40 Hz
0
0.2
0.2
40 Hz-100 Hz
0
0.06
0.21
100 Hz-300 Hz
0
0.03
0.21
300 Hz-1 kHz
0
0.01
0.07
>1 kHz
0
0
0.02


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn