Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
AC Specifications (continued)
Additional AC Specifications
Low Frequency Errors (% of reading)
Crest Factor Errors (non-sinewave)*
Frequency
AC Filter
Crest Factor
Error (% of reading)
Slow
Medium
Fast
10 Hz-20 Hz
0
0.74
-
1-2
0.05%
20 Hz-40 Hz
0
0.22
-
2-3
0.15%
40 Hz-100 Hz
0
0.06
0.73
3-4
0.30%
100 Hz-200 Hz
0
0.01
0.22
4-5
0.40%
200 Hz-1 kHz
0
0
0.18
>1 kHz
0
0
0
*For frequencies below 100 Hz, slow ac filter specified for sinewave input only.
Noise Rejection: (For 1 kΩ unbalance in LO lead.)
AC CMMR:
70 dB
True RMS AC Voltage:
Measurement method: AC-coupled True RMS — measures the ac component of the input
with up to 300 Vdc of bias on any range. (Max ac+dc = 300 V rms.)
Crest factor:
Maximum 5:1 at full scale
AC filter bandwidth:
Slow:
3 Hz-300 kHz
Medium:
20 Hz-300 kHz
Fast:
200 Hz-300 kHz
Input impedance:
1 MΩ ±2%, in parallel with 100 pF
Input protection:
300 Vrms all ranges
True RMS AC Current:
Measurement method: Direct couple to the fuse and shunt. ac -coupled True RMS measurement
(measures the ac component only).
Shunt resistor:
0.1 Ω for 1 A and 3 A ranges
Burden voltage:
1 A range:
<1 Vrms
3 A range:
<2 Vrms
Input protection:
Externally accessible 3 A, 250 V fuse


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn