Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
AC Specifications
AC Summary
AC voltage:
300 V max.
Voltage accuracy (ac):
± 0.07%
AC Accuracy ± (% of reading + % of range): Specifications for 1-hour warm-up at 6.5 digits. Slow ac filter, sinewave input.
True RMS AC Voltage3:
Range2
Frequency
24 Hour1
90 Day
1 Year
Temperature Coefficient
23°C ± 1°C
23°C ± 5°C
23°C ± 5°C
0°C - 18°C
28°C - 55°C
100.0000 mV
3 Hz-5 Hz
1.00 + 0.03
1.00 + 0.04
1.00 + 0.04
0.100 + 0.004
100.0000 mV
5 Hz-10 Hz
0.35 + 0.03
0.35 + 0.04
0.35 + 0.04
0.035 + 0.004
100.0000 mV
10 Hz-20 kHz
0.04 + 0.03
0.05 + 0.04
0.06 + 0.04
0.005 + 0.004
100.0000 mV
20 kHz-50 kHz
0.10 + 0.05
0.11 + 0.05
0.12 + 0.05
0.011 + 0.005
100.0000 mV
50 kHz-100 kHz
0.55 + 0.08
0.60 + 0.08
0.60 + 0.08
0.060 + 0.008
100.0000 mV
100 kHz-300 kHz
5.00 + 0.50
5.00 + 0.50
5.00 + 0.50
0.020 + 0.020
1.000000 V to 300.000 V4
3 Hz-5 Hz
1.00 + 0.02
1.00 + 0.03
1.00 + 0.03
0.100 + 0.003
1.000000 V to 300.000 V4
5 Hz-10 Hz
0.35 + 0.02
0.35 + 0.03
0.35 + 0.03
0.035 + 0.003
1.000000 V to 300.000 V4
10 Hz-20 kHz
0.04 + 0.02
0.05 + 0.03
0.06 + 0.03
0.005 + 0.003
1.000000 V to 300.000 V4
20 kHz-50 kHz
0.10 + 0.04
0.11 + 0.05
0.12 + 0.05
0.011 + 0.005
1.000000 V to 300.000 V4
50 kHz-100 kHz
0.55 + 0.08
0.60 + 0.08
0.06 + 0.08
0.060 + 0.008
1.000000 V to 300.000 V4
100 kHz-300 kHz5
5.00 + 0.50
5.00 + 0.50
5.00 + 0.50
0.200 + 0.020
True RMS AC Current3:
Range
Frequency
24 Hour
90 Day
1 Year
Temperature Coefficient
23°C ± 1°C
23°C ± 5°C
23°C ± 5°C
0°C - 18°C
28°C - 55°C
1.000000 A
3 Hz-5 Hz
1.05 + 0.04
1.05 + 0.04
1.05 + 0.04
0.100 + 0.006
1.000000 A
5 Hz-10 Hz
0.35 + 0.04
0.35 + 0.04
0.35 + 0.04
0.035 + 0.006
1.000000 A
10 Hz-1 kHz
0.15 + 0.04
0.15 + 0.04
0.15 + 0.04
0.015 + 0.006
1.000000 A
1 kHz-50 kHz
0.40 + 0.04
0.40 + 0.04
0.40 + 0.04
0.015 + 0.006
3.000000 A
3 Hz-5 Hz
1.70 + 0.06
1.70 + 0.06
1.70 + 0.06
0.100 + 0.006
3.000000 A
5 Hz-10 Hz
0.95 + 0.06
0.95 + 0.06
0.95 + 0.06
0.035 + 0.006
3.000000 A
10 Hz-1 kHz
0.75 + 0.06
0.75 + 0.06
0.75 + 0.06
0.015 + 0.006
3.000000 A
1 kHz-50 kHz
1.00 + 0.06
1.00 + 0.06
1.00 + 0.06
0.15 + 0.06
1 Relative to calibration standards.
2 20% overrange on all ranges, except 300 Vac and 3 A ranges which have 1% overrange.
3 100 mV to 100 V range specifications are for sine wave input >5% of range. For inputs from 1% to 5% of range and <50 kHz, add 0.1% of range additional error.
For 50 kHz to 100 kHz, add 0.13% additional error. 300 V range specifications are for sinewave input >15% of range. For inputs from 3% to 15% of range and >50 kHz,
add 0.30% of kHz, add 0.40% of range additional error.
4 For 300 V range, use (% reading) shown in table and multiply each (% range) x 3.
5 300 Vac range limited to 50 kHz. For frequencies >50 kHz, signals must be ≤1.5 x 107 VHz.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn