Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E1412A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. E1412A
Description  6.5-Digit High-Accuracy Multimeter C-Size
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

E1412A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
DC Specifications (continued)
Specifications are for 1-hour warm-up at an integration time of 100 PLCs.
DC:DC Ratio:
Measurement method:
Input HI-LO/Reference HI-LO
Apply “Reference HI-LO” signal to Ohms 4-Wire Sense terminals.
Input HI to Input LO:
100 mV to 300 V
Reference HI to Input LO:
<12 V on 100 mV to 10 V ranges (autoranged)
Reference LO to Input LO:
<2 V
Additional Error with Autozero OFF:
Following instrument warm-up at calibration temperature ± 1°C and <10 minutes.
100 mV-100 V ranges:
add 0.0002% reading + 5 µV
300 V range:
add 0.0006% reading
DC Operating Characteristics: Readings speeds for 60 Hz and (50 Hz) operation, Autozero OFF.
Function
NPLC
Digits
Reading/s
Additional Noise Error
DCV, DCI and Ω
100
6.5
0.6 (0.5)
0% of range
DCV, DCI and Ω
10
6.5
6 (5)
0% of range
DCV, DCI and Ω
1
5.5
60 (50)
0.001% of range*
DCV, DCI and Ω
0.2
5.5
300
0.001% of range*
DCV, DCI and Ω
0.02
4.5
1,000
0.01% of range*
*For 300 V range: use 0.003% of range for 5.5 digits and 0.030% of range for 4.5 digits.
For all ranges: add 20 µV for dc Volts, 4 µA for dc current, or 20 mΩ for resistance.
Considerations
Settling considerations:
Reading settling times are affected by source impedance, cable
dielectric characteristics, and input signal changes.
Measurement considerations:
Agilent recommends the use of Teflon or other high impedance,
low-dielectric absorption wire insulation for these measurements.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn