Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52722005204J Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 52722005204J
Description  Strain-Relief Backshell for Hughes MRS Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

52722005204J Datasheet(HTML) 1 Page - Glenair, Inc.

  52722005204J Datasheet HTML 1Page - Glenair, Inc. 52722005204J Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-4
CAGE Code 06324
527-220
Strain-Relief Backshell
for Hughes MRS Connectors
527 220 212 08 N E T
Product Series
Basic No.
Shell Size (Table I)
Dash No. (Table II)
T = Tee Handle
Omit for Standard
E = Strain Relief
Omit for Nut
Finish Symbol
(Table III)
Cable
Entry
Max
F
.620 (15.7)
45°
Knurl
Style Mfr
Option
1.000
(25.4)
E
Cable
Entry
Max
.140 / .130
(3.6 / 3.3)
.45°
2.250
(57.2)
MAX
1.180
(30.0)
.265 (6.7)
D
Tapped for 6-32 UNC
Thread Connector
Mounting
B
A
C
Metric dimensions (mm) are indicated in parentheses.
SYMBOL
E
STRAIN RELIEF
OPTION
"T"
TEE HANDLE
OPTIONAL
(See P/N Development)
2.250
(57.1)
2.000
(50.8)
REF


Similar Part No. - 52722005204J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527225B GLENAIR-527225B Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225J GLENAIR-527225J Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225LF GLENAIR-527225LF Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225M GLENAIR-527225M Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
527225N GLENAIR-527225N Datasheet
111Kb / 1P
   EMI/RFI 45 Split Backshell for Cannon SGA3 Connector
More results

Similar Description - 52722005204J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
52719702001B GLENAIR-52719702001B Datasheet
127Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
527S287B GLENAIR-527S287B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288B GLENAIR-527S288B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
   Strain-Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
   Strain Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
   Strain Relief Backshell
527-025 GLENAIR-527-025 Datasheet
48Kb / 2P
   Strain Relief Backshell
527-126BPA3 GLENAIR-527-126BPA3 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
550T102M GLENAIR-550T102M Datasheet
134Kb / 2P
   Strain-Relief Split Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com