Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD-F322RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BD-F322RD
Description  green chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F322RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-F322RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F322RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F322RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--F
F3
32
22
2R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
PIN 1.
D
G
E
F
C
DP
B
D.1
D.2
A
1
G
8
C
A
3
B
9
7
E
6
D
4
F
2
DP
10
D1
5
D2
Package Dimensions :
10.16(.400)
2.54x4=10.16(.400)
9.2(.362)
14.0(.551)
4.8(.189)
1.0(.039)
7.5(.295)
7.2(.283)
3.0(.118) MIN.
15.0(.591)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.36 inch (9.20mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Duplex drive common cathode.
Description :
1.
The BD-F322RD is a 9.20mm (0.36")
high dual digit seven segments display.
2.
This product use green chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white segments.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn