Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52719702003B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 52719702003B
Description  Strain-Relief Backshell for Hughes MRS Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

52719702003B Datasheet(HTML) 1 Page - Glenair, Inc.

  52719702003B Datasheet HTML 1Page - Glenair, Inc. 52719702003B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-24
CAGE Code 06324
527-197
Strain-Relief Backshell
for Hughes MRS Connectors
527 197 212 08 N E
Product Series
Basic No.
Shell Size (Table I)
Dash No. (Table II)
E = Strain Relief
Omit for Nut
Finish Symbol
(Table III)
Cable
Entry
Max
F
.620 (15.7)
45°
Knurl
Style Mfr
Option
.440 (11.2)
E
Cable
Entry
Max
.140 / .130
(3.6 / 3.3)
Bushing
Protective Tube
.45°
2.250
(57.2)
MAX
1.180
(30.0)
.265 (6.7)
D
4 Ea 6-32 x 1/2
Screw and Lock
Washers Supplied
B
A
C
Metric dimensions (mm) are indicated in parentheses.
SYMBOL
E
STRAIN RELIEF
OPTION


Similar Part No. - 52719702003B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527193BA01 GLENAIR-527193BA01 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA02 GLENAIR-527193BA02 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA03 GLENAIR-527193BA03 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA04 GLENAIR-527193BA04 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA05 GLENAIR-527193BA05 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
More results

Similar Description - 52719702003B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
52722002001B GLENAIR-52722002001B Datasheet
126Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
527S287B GLENAIR-527S287B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288B GLENAIR-527S288B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
   Strain-Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
   Strain Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
   Strain Relief Backshell
527-025 GLENAIR-527-025 Datasheet
48Kb / 2P
   Strain Relief Backshell
527-126BPA3 GLENAIR-527-126BPA3 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
550T102M GLENAIR-550T102M Datasheet
134Kb / 2P
   Strain-Relief Split Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com