Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS2300-OTP Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS2300-OTP
Description  Fractional-N Clock Multiplier with Internal LCO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-OTP Datasheet(HTML) 1 Page - Cirrus Logic

  CS2300-OTP_09 Datasheet HTML 1Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 2Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 3Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 4Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 5Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 6Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 7Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 8Page - Cirrus Logic CS2300-OTP_09 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
Fractional-N Clock Multiplier with Internal LCO
Features
Clock Multiplier / Jitter Reduction
Generates a Low Jitter 6 - 75 MHz Clock
from a Jittery 50 Hz to 30 MHz Clock
Source
Internal LCO Reference Clock
Highly Accurate PLL Multiplication Factor
Maximum Error Less Than 1 PPM in High-
Resolution Mode
One-Time Programmability
Configurable Hardware Control Pins
Configurable Auxiliary Output
Minimal Board Space Required
No External Analog Loop-filter
Components
General Description
The CS2300-OTP is an extremely versatile system
clocking device that utilizes a programmable phase lock
loop. The CS2300-OTP is based on a hybrid analog-
digital PLL architecture comprised of a unique combina-
tion
of
a
Delta-Sigma
Fractional-N
Frequency
Synthesizer and a Digital PLL. This architecture allows
for generation of a low-jitter clock relative to an external
noisy synchronization clock with frequencies as low as
50 Hz. The CS2300-OTP has many configuration op-
tions which are set once prior to runtime. At runtime
there are three hardware configuration pins available for
mode and feature selection.
The CS2300-OTP is available in a 10-pin MSOP pack-
age in Commercial (-10°C to +70°C) grade. Customer
development kits are also available for custom device
prototyping, small production programming, and device
evaluation. Please see “Ordering Information” on
page 25 for complete details.
Auxiliary
Output
6 to 75 MHz
PLL Output
Frequency Reference
3.3 V
Fractional-N
Frequency Synthesizer
Digital PLL & Fractional
N Logic
Output to Input
Clock Ratio
N
PLL Output
Lock Indicator
50 Hz to 30 MHz
Frequency Reference
LCO
Hardware Configuration
Hardware Control
AUG '09
DS844F1
CS2300-OTP


Similar Part No. - CS2300-OTP_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results

Similar Description - CS2300-OTP_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2300-03 CIRRUS-CS2300-03 Datasheet
91Kb / 3P
   1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com