Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS47024C-CQZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS47024C-CQZ
Description  Audio SOC Processor Family
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024C-CQZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS47024C-CQZ Datasheet HTML 7Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 8Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 9Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 10Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 11Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 12Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 13Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 14Page - Cirrus Logic CS47024C-CQZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
CS470xx Data Sheet
Audio SOC Processor Family
DS787PP1
Copyright 2009 Cirrus Logic
11
Figure 2. CS47028 Top-Level Block Diagram
Figure 3. CS47024 Top-Level Block Diagram
x8
x4
x2
x2
DAC0
text
Crystal
® 32-bit Core
in the CS47028 DSP
DMA
SPI / I
2C
Control
I
2S /
TDM
I
2S / TDM
I
2S / TDM /
SPDIF
PLL
ROM
S
R
C
2
Clock
Manager
Timers
RAM
GPIO
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
S
R
C
1
ROM
RAM
ROM
RAM
P
Y
32K x 32-bit SRAM with three 2K blocks
Assignable to Program or Y Data memory
I
2S /
TDM /
SPDIF
Stereo Inputs
On Analog in
ADC2/3
DBC
(I
2C Slave)
PIC
ADC’s & DAC’s operate
in Single ended or
Differential mode
S
R
C
3
8ch
8ch
SRC3 has 8
independent Channels
for In or Out
4ch
x8
x4
x2
DAC0
text
Crystal
® 32-bit Core
In CS47024 DSP
DMA
SPI / I
2C
Control
I
2S /
TDM
I
2S / SPDIF
PLL
ROM
S
R
C
2
Clock
Manager
Timers
RAM
GPIO
DAC1
DAC2
DAC3
S
R
C
1
ROM
RAM
ROM
RAM
P
Y
32K x 32-bit SRAM with three 2K blocks
Assignable to Program or Y Data memory
I
2S /
TDM
Stereo Inputs
On Analog in
ADC2/3
DBC
(I
2C Slave)
PIC
ADC’s & DAC’s operate
in Single ended or
Differential mode
8ch
4ch


Similar Part No. - CS47024C-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47024 CIRRUS-CS47024 Datasheet
1Mb / 32P
   CS470xx Data Sheet
More results

Similar Description - CS47024C-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47048 CIRRUS-CS47048 Datasheet
667Kb / 34P
   Audio SOC Processor Family
logo
Silicon Laboratories
EFR32FG23 SILABS-EFR32FG23 Datasheet
2Mb / 144P
   EFR32FG23 Wireless SoC Family
Rev. 1.1
EFR32BG24 SILABS-EFR32BG24 Datasheet
2Mb / 128P
   EFR32BG24 Wireless SoC Family
Rev. 1.0
EFR32ZG23 SILABS-EFR32ZG23 Datasheet
2Mb / 129P
   EFR32ZG23 Wireless SoC Family
Rev. 1.1
EFR32MG24 SILABS-EFR32MG24 Datasheet
2Mb / 131P
   EFR32MG24 Wireless SoC Family
Rev. 1.0
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
logo
C-Media Electronics
CM7001 CMEDIA-CM7001 Datasheet
703Kb / 29P
   Voice and Audio Processor SOC Powered By Xear Sound Technologies
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Silicon Laboratories
EFR32BG22 SILABS-EFR32BG22 Datasheet
1Mb / 101P
   EFR32BG22 Wireless Gecko SoC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com