Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS48AU2B-CQZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS48AU2B-CQZ
Description  Dedicated 32-bit Audio DSP for Audyssey Laboratories Technology
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48AU2B-CQZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS48AU2B-CQZ Datasheet HTML 1Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 2Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 3Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 4Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 5Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 6Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 7Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 8Page - Cirrus Logic CS48AU2B-CQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright 2009 Cirrus Logic
MAY ’09
CONFIDENTIAL
DS876F3
http://www.cirrus.com
CS48AU2B Data Sheet
FEATURES
World’s first cost-effective, high-performance 32-bit DSP
that is solely dedicated to enable Audyssey Laboratories
audio processing technologies for today’s high-volume
consumer electronic products
Features: Audyssey Dynamic VolumeTM, Audyssey Dynamic
EQTM, Audyssey EQTM & Audyssey BassXTTM/BassXT-TVTM
Audyssey Dynamic Volume eliminates the need for
constant volume adjustments
Audyssey Dynamic EQ enables a reference playback
experience at any desired playback level
Audyssey EQ removes much of the distortion caused by
speaker enclosures and the typical room environment
producing greatly improved sound compared to similar
products without correction
Audyssey BassXT and BassXT-TV are specifically
calibrated to enhance the physical bass response of each
product model
Configurable Serial Audio Inputs/Outputs
— Maximum 32-bit @ 192 kHz
(Note: Audyssey Laboratories algorithms support 48 kHz,
44.1 kHz and 32 kHz)
— Integrated 192 kHz capable S/PDIF transmitter
Integrated Clock Manager/PLL
— Can operate from external crystal, external oscillator
Input Fs Auto Detection & Coefficient Loading
Host Control & Boot via Serial Interface
Support for Master (Self) Boot via Serial EEPROM for
single Fs applications (i.e. 48 kHz only via ADC input)
Configurable GPIOs and External Interrupt Input
1.8V Core and a 3.3V I/O that is tolerant to 5V input
Low-power Mode
—“
Energy Star® Ready” via low-power mode, 268 µW in
standby
32-bit
DSP
D
M
A
P
X
Y
Serial
Control 1
M ultichannel
Audio O ut
GPIO
Debug
W atchdog
TM R 1
TM R 2
PLL
S/PD IF
M ultichannel
Audio In
The brand new CS48AU2B device is still based on the same
high-performance 32-bit fixed point Digital Signal Processor
core but instead is equipped with much less memory, tailoring
it for more cost-effective applications which feature Audyssey
Laboratories
audio
processing
technologies.
Target
applications are:
— Digital Televisions
—iPod® Docking Stations
— Automotive Head Units (OEM and Aftermarket)
— Automotive Outboard Amplifiers (OEM and Aftermarket)
—Blu-ray® Disc Receivers
— Soundbars / Sound Projectors
The following Audyssey Laboratories algorithms are currently
supported on the CS48AU2B and more are in development:
While the individual Audyssey processing algorithms have
already been implemented on this DSP, the CS48AU2B is
programmed using the Cirrus proprietary DSP Composer
GUI development tool.
Processing
chains
combining
both
standard
signal
processing blocks (Tone Control, Bass Management, etc.) in
combination with any combination of Audyssey Laboratories
technology algorithm blocks may be designed using a simple
drag-and-drop interface to create a custom signal flow
specific to your product model. The end result of this is a
software image that is down-loaded to the DSP via serial host
(I2C® or SPITM) or via a serial master (self) boot.
Support for loading of the various Audyssey Laboratories
algorithm coefficient files supplied by Audyssey Laboratories
is easily supported via DSP Composer, enabling the
OEM/ODM to quickly be able to generate the necessary files
for the system microcontroller which have been custom
tailored for each specific model based on the measurement
and analysis performed by Audyssey Laboratories.
Ordering Information:
See page 21 for ordering information


Similar Part No. - CS48AU2B-CQZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35D CENTRAL-CS48-35D Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35M CENTRAL-CS48-35M Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35N CENTRAL-CS48-35N Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35P CENTRAL-CS48-35P Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
More results

Similar Description - CS48AU2B-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B CIRRUS-CS48DV2B Datasheet
487Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com