Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OHL-604870H-X-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OHL-604870H-X-T
Description  Series 604 - High current, PLCC2 size
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OHL-604870H-X-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OHL-604870H-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OHL-604870H-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OHL-604870H-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OHL-604870H-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OHL-604870H-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
preliminary edition 02/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OHL-604 ?????-??-T
Intensity group
ZZ
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
2000
8000
Tape And Reel Packing


Similar Part No. - OHL-604870H-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHL-605HR-X-T OSA-OHL-605HR-X-T Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
OHL-605HSD-X-T OSA-OHL-605HSD-X-T Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
OHL-605HY OSA-OHL-605HY Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
OHL-605HY-X-T OSA-OHL-605HY-X-T Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
More results

Similar Description - OHL-604870H-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHI-601-870H OSA-OHI-601-870H Datasheet
168Kb / 5P
   Series 601 - High current, PLCC2 size
OHI-602-870H OSA-OHI-602-870H Datasheet
167Kb / 5P
   Series 602 - High current, PLCC2 size
OHL-605HY OSA-OHL-605HY Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
logo
List of Unclassifed Man...
QBLP670 ETC-QBLP670 Datasheet
746Kb / 13P
   PLCC2 LED
QBLP676-XX ETC-QBLP676-XX Datasheet
668Kb / 12P
   PLCC2 LED
QBLP674-IWM-WW ETC1-QBLP674-IWM-WW Datasheet
589Kb / 10P
   PLCC2 LED
QBLP674-XX ETC-QBLP674-XX Datasheet
678Kb / 12P
   PLCC2 LED
QBLP674-IB ETC1-QBLP674-IB Datasheet
678Kb / 12P
   PLCC2 LED
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
   Small size, high contact current
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
   Small size with high current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com