Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L800BA-90TIG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L800BA-90TIG
Description  8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L800BA-90TIG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L800BA-90TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F49L800BA-90TIG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
ESMT
F49L800UA/F49L800BA
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2008
Revision: 1.2
10/47
Table 5. F49L800UA/F49L800BA Software Command Definitions
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Command
Bus
Cycles
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Reset (5)
1
XXXH F0H
-
-
-
-
-
-
-
-
-
-
Read (4)
1
RA
RD
-
-
-
-
-
-
-
-
-
-
Word
4
555H
AAH 2AAH
55H
555H
A0H
PA
PD
Program
Byte
4
AAAH AAH
555H
55H AAAH A0H
PA
PD
Word
6
555H
AAH 2AAH
55H
555H
80H
555H
AAH 2AAH
55H
555H
10H
Chip Erase
Byte
6
AAAH AAH
555H
55H AAAH 80H AAAH AAH
555H
55H AAAH 10H
Word
6
555H
AAH 2AAH
55H
555H
80H
555H
AAH 2AAH
55H
SA
30H
Sector Erase
Byte
6
AAAH AAH
555H
55H AAAH 80H AAAH AAH
555H
55H
SA
30H
Sector Erase
Suspend (6)
1
XXXH B0H
-
-
-
-
-
-
-
-
-
-
Sector Erase Resume
(7)
1
XXXH 30H
-
-
-
-
-
-
-
-
-
-
Auto-select
See Table 6.
X = don’t care
RA = Address of memory location to be read.
RD = Data to be read at location RA.
PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address of the sector.
Notes:
1. Except Read command and Auto-select command, all command bus cycles are write operations.
2. The system should generate the following address patterns: 555H or 2AAH to address A10~A0 in word mode
/ AAAH or 555H to address A10~A-1 in byte mode.
3. Address bits A19–A11 are don’t cares, unless SA or PA required.
4. The Reset command is required to return to reading array data when device is in the auto-select mode, or if
DQ5 goes high (while the device is providing status data).
5. No command cycles required when reading array data.
6. The system may read and program in non-erasing sectors, or enter the auto-select mode, when in the Erase
Suspend mode. The Erase Suspend command is valid only during a sector erase operation.
7. The Erase Resume command is valid only during the Erase Suspend mode.


Similar Part No. - F49L800BA-90TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L800BA-90T ESMT-F49L800BA-90T Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800BA-90TG ESMT-F49L800BA-90TG Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L800BA-90TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com