Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L320BA-90TG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L320BA-90TG
Description  32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L320BA-90TG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L320BA-90TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
ESMT
F49L320UA/F49L320BA
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision: 1.1
10/55
Reset Mode :
Hardware Reset
When the
ESET
R
pin is driven low for at least a period of tRP,
the device immediately terminates any operation in progress,
tri-states all output pins, and ignores all read/write commands
for the duration of the
ESET
R
pulse. The device also resets
the internal state machine to reading array data. The operation
that was interrupted should be reinitiated later once the device
is ready to accept another command sequence, to ensure the
data integrity.
The current is reduced for the duration of the
ESET
R
pulse.
When
ESET
R
is held at VSS ±0. 3V, the device draws CMOS
standby current (ICC4). If
ESET
R
is held at VIL but not within
VSS±0. 3V, the standby current will be greater.
The
ESET
R
pin may be tied to system reset circuitry. A system
reset would thus reset the Flash memory, enabling the system
to read the boot-up firm-ware from the Flash memory.
If
ESET
R
is asserted during a program or erase embedded
algorithm operation, the RY/BY pin remains a "0" (busy) until
the internal reset operation is complete, which requires a time of
tREADY (during Embedded Algorithms). The system can thus
monitor RY/BY to determine whether the reset operation is
complete.
If
ESET
R
is asserted when a program or erase operation is
not executing, i.e. the RY/BY is “1”, the reset operation is
completed within a time of tREADY (not during Embedded
Algorithms). The system can read data after tRH when the
ESET
R
pin returns to VIH. Refer to the AC Characteristics
tables 17 for Hardware Reset section & Figure 23 for the timing
diagram.
Read Mode
To read array data from the outputs, the system must drive the
CE and OE pins to VIL. CE is the power control and selects
the device. OE is the output control and gates array data to the
output pins. WE should remain at VIH. The internal state
machine is set for reading array data upon device power-up, or
after a hardware reset. This ensures that no spurious alteration
of the memory content occurs during the power transition.
No command is necessary in this mode to obtain array data.
Standard microprocessor’s read cycles that assert valid
addresses on the device address inputs produce valid data on
the device data outputs. The device remains enabled for read
access until the command register contents are altered.
See “Read Command” section for more information. Refer to the
AC Read Operations table 14 for timing specifications and to
Figure 5 for the timing diagram. ICC1 in the DC Characteristics
table represents the active current specification for reading array
data.
Write Mode
To write a command or command sequence (which includes
programming data to the device and erasing sectors of memory),
the system must drive WE and CE to VIL, and OE to VIH. The
“Program Command” section has details on programming data to
the device using standard command sequences.
An erase operation can erase one sector, multiple sectors, or the
entire device. Tables 1 and 2 indicate the address space that each
sector occupies. A “sector address” consists of the address bits
required to uniquely select a sector. The “Software Command
Definitions” section has details on erasing a sector or t he entire
chip, or suspending/resuming the erase operation.
When the system writes the auto-select command sequence, the
device enters the auto-select mode. The system can then read
auto-select codes from the internal register (which is separate
from the memory array) on DQ7–DQ0. Standard read cycle
timings apply in this mode. Refer to the Auto-select Mode and
Auto-select Command sections for more information. ICC2 in the
DC
Characteristics
table
represents
the
active
current
specification for the write mode. The “AC Characteristics”
section contains timing specification tables and timing diagrams
for write operations.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy
consumption. The device automatically enables this mode when
addresses remain unchanged for over 250ns. The automatic
sleep mode is independent of the CE , WE , and OE control
signals. Standard address access timings provide new data when
addresses are changed. While in sleep mode, output data is
latched and always available to the system. ICC4 in the DC
Characteristics table represents the automatic sleep mode current
specification.
Word / Byte Mode
This pin controls the I/O configuration of device. When BYTE =
VIH or Vcc ± 0. 3V. The I/O configuration is x16 and t he pin of
D15/A-1 is bi-direction Data I/O. However, BYTE = VIL or VSS ±
0.3V. The I/O configuration would be x8 and The pin of
DQ15/A-1 only address input pin. You must define the function of
this pin before enable this device.


Similar Part No. - F49L320BA-90TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320BA-90TIG ESMT-F49L320BA-90TIG Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L320BA-90TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com