Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L800UA Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L800UA
Description  8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L800UA Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  F49L800UA_08 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L800UA_08 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ESMT
F49L800UA/F49L800BA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2008
Revision: 1.6
2/47
4. PIN CONFIGURATIONS
4.1 48-pin TSOP
4.2 Pin Description
Symbol
Pin Name
Functions
A0~A18
Address Input
To provide memory addresses.
DQ0~DQ14
Data Input/Output
To output data when Read and receive data when Write.
The outputs are in tri-state when OE or CE is high.
DQ15/A-1
Q15 (Word mode) /
LSB addr (Byte Mode)
To bi-direction date I/O when BYTE is High
To input address when BYTE is Low
CE
Chip Enable
To activate the device when CE is low.
OE
Output Enable
To gate the data output buffers.
WE
Write Enable
To control the Write operations.
RESET
Reset
Hardware Reset Pin/Sector Protect Unprotect
BYTE
Word/Byte selection input
To select word mode or byte mode
RY/ BY
Ready/Busy
To check device operation status
VCC
Power Supply
To provide power
GND
Ground
NC
No connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
F49L800U/BA
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
RY/BY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
GND
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
GND
CE
A0


Similar Part No. - F49L800UA_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L800UA-70T ESMT-F49L800UA-70T Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA-70TIG ESMT-F49L800UA-70TIG Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA-90T ESMT-F49L800UA-90T Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA-90TIG ESMT-F49L800UA-90TIG Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L800UA_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com