Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S04PA-86PAG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA-86PAG
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA-86PAG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25S04PA-86PAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
10/34
instructions effective. WREN can enable WRSR, user just need to execute it. A successful WRSR can reset WREN.
10. The Manufacture ID and Device ID output will repeat continuously until CE terminates the instruction.
11. Dual commands use bidirectional IO pins. DOUT and cont. are serial data out; others are serial data in.
12. Dual output data:
IO0 =(D6,D4,D2,D0), (D6,D4,D2,D0)
IO1 =(D7,D5,D3,D1), (D7,D5,D3,D1)
DOUT0
DOUT1


Similar Part No. - F25S04PA-86PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50DG ESMT-F25S004A-50DG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PAG ESMT-F25S004A-50PAG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PG ESMT-F25S004A-50PG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25S04PA-86PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com