Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L32PA-100PHG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L32PA-100PHG
Description  3V Only 32 Mbit Serial Flash Memory with Dual
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L32PA-100PHG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L32PA-100PHG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ESMT
F25L32PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2009
Revision: 1.0
10/36
Table 3: F25L32PA Block Protection Table
TOP
Status Register Bit
Protected Memory Area
Protection Level
BP2
BP1
BP0
Block Range
Address Range
0
0
0
0
None
None
Upper 1/64
0
0
1
Block 63
3F0000H –3FFFFFH
Upper 1/32
0
1
0
Block 62~63
3E0000H –3FFFFFH
Upper 1/16
0
1
1
Block 60~63
3C0000H –3FFFFFH
Upper 1/8
1
0
0
Block 56~63
380000H –3FFFFFH
Upper 1/4
1
0
1
Block 48~63
300000H –3FFFFFH
Upper 1/2
1
1
0
Block 32~63
200000H –3FFFFFH
All Blocks
1
1
1
Block 0~63
000000H –3FFFFFH
Block Protection (BP2, BP1, BP0)
The Block-Protection (BP2, BP1, BP0) bits define the size of the
memory area, as defined in Table 3, to be software protected
against any memory Write (Program or Erase) operations. The
Write Status Register (WRSR) instruction is used to program the
BP2, BP1, BP0 bits as long as WP is high or the Block-
Protection-Look (BPL) bit is 0. Chip Erase can only be executed if
Block-Protection bits are all 0. After power-up, BP2, BP1 and BP0
are set to1.
Block Protection Lock-Down (BPL)
WP
pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP2, BP1, and BP0 bits. When the
WP
pin is driven high (VIH), the BPL bit has no effect and its
value is “Don’t Care”. After power-up, the BPL bit is reset to 0.


Similar Part No. - F25L32PA-100PHG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L32QA-100PAG ESMT-F25L32QA-100PAG Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L32QA-100PHG ESMT-F25L32QA-100PHG Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F25L32QA-50PAG ESMT-F25L32QA-50PAG Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
More results

Similar Description - F25L32PA-100PHG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com