Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08PA-50DIG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-50DIG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-50DIG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25L08PA-50DIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ESMT
F25L08PA
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.3
1/32
Flash
3V Only 8 Mbit Serial Flash Memory with Dual
FEATURES
Single supply voltage 2.7~3.6V
Standard, Dual SPI
Speed
- Read max frequency: 33MHz
- Fast Read max frequency: 50MHz; 100MHz
- Fast Read Dual max frequency: 50MHz / 100MHz
(100MHz / 200MHz equivalent Dual SPI)
Low power consumption
- Active current: 35 mA
- Standby current: 30 μ A
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Byte programming time: 7 μ s (typical)
- Page programming time: 1.5 ms (typical)
Erase
- Chip erase time 10 sec (typical)
- Block erase time 1 sec (typical)
- Sector erase time 90 ms (typical)
Page Programming
- 256 byte per programmable page
Auto Address Increment (AAI) WORD Programming
- Decrease total chip programming time over
Byte Program operations
Lockable 4K bytes OTP security sector
SPI Serial Interface
- SPI Compatible: Mode 0 and Mode 3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
All Pb-free products are RoHS-Compliant
ORDERING INFORMATION
Product ID
Speed
Package
COMMENTS
F25L08PA –50PIG
50MHz
8 lead SOIC
150mil
Pb-free
F25L08PA –100PIG
100MHz 8 lead SOIC
150mil
Pb-free
F25L08PA –50PAIG
50MHz
8 lead SOIC
200mil
Pb-free
F25L08PA –100PAIG
100MHz 8 lead SOIC
200mil
Pb-free
F25L08PA –50DIG
50MHz
8 lead PDIP
300mil
Pb-free
F25L08PA –100DIG
100MHz 8 lead PDIP
300mil
Pb-free
GENERAL DESCRIPTION
The F25L08PA is a 8Megabit, 3V only CMOS Serial Flash
memory device. The device supports the standard Serial
Peripheral Interface (SPI), and a Dual SPI. ESMT’s memory
devices reliably store memory data even after 100,000
programming and erase cycles.
The memory array can be organized into 4,096 programmable
pages of 256 byte each. 1 to 256 byte can be programmed at a
time with the Page Program instruction. The device also can be
programmed to decrease total chip programming time with Auto
Address Increment (AAI) programming.
The device features sector erase architecture. The memory array
is divided into 256 uniform sectors with 4K byte each; 16 uniform
blocks with 64K byte each. Sectors can be erased individually
without affecting the data in other sectors. Blocks can be erased
individually without affecting the data in other blocks. Whole chip
erase capabilities provide the flexibility to revise the data in the
device. The device has Sector, Block or Chip Erase but no page
erase.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.


Similar Part No. - F25L08PA-50DIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-50DG ESMT-F25L08PA-50DG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-50DIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com