Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08PA-100DG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-100DG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-100DG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L08PA-100DG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ESMT
F25L08PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.7
8/32
INSTRUCTIONS
Instructions are used to Read, Write (Erase and Program), and
configure the F25L08PA. The instruction bus cycles are 8 bits
each for commands (Op Code), data, and addresses. Prior to
executing any Page Program, Auto Address Increment (AAI)
Programming, Write Status Register, Sector Erase, Block Erase,
or Chip Erase instructions, the Write Enable (WREN) instruction
must be executed first. The complete list of the instructions is
provided in Table 5. All instructions are synchronized off a high to
low transition of CE . Inputs will be accepted on the rising edge
of SCK starting with the most significant bit. CE must be driven
low before an instruction is entered and must be driven high after
the last bit of the instruction has been shifted in (except for Read,
Read ID, Read Status Register, Read Electronic Signature
instructions). Any low to high transition on CE , before receiving
the last bit of an instruction bus cycle, will terminate the
instruction in progress and return the device to the standby
mode.
Instruction commands (Op Code), addresses, and data are all
input from the most significant bit (MSB) first.
Table 5: Device Operation Instructions
Bus Cycle
1~3
1
2
3
4
5
6
N
Operation
Max.
Freq
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
33 MHz 03H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
X
DOUT0
X
DOUT1
X
cont.
Fast Read
0BH
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
X
X
X
DOUT0
X
cont.
Fast Read Dual
Output
12,13
3BH
A23-A16
A15-A8
A7-A0
X
DOUT0~1
cont.
Sector Erase
4 (4K Byte)
20H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
-
-
-
-
-
-
Block Erase
4, (64K Byte)
D8H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
-
-
-
-
-
-
Chip Erase
60H /
C7H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Page Program (PP)
02H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
DIN0
Hi-Z
DIN1
Hi-Z
Up to
256
bytes
Hi-Z
Auto Address Increment
word programming
5 (AAI)
ADH
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
DIN0
Hi-Z
DIN1
Hi-Z
-
-
Read Status Register
(RDSR)
6
05H
Hi-Z
X
DOUT
-
-
-
-
-
-
-
-
-
-
Enable Write Status
Register (EWSR)
7
50H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Write Status Register
(WRSR)
7
01H
Hi-Z
DIN
Hi-Z
-
-
-.
-
-
-
-
-
-
-
Write Enable (WREN)
10
06H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Write Disable (WRDI)/
Exit secured OTP mode
04H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Enter secured OTP mode
(ENSO)
B1H
Hi-Z
-
-
-
-
-.
-
-
-
-
-
-
-
Read Electronic
Signature (RES)
8
ABH
Hi-Z
X
13H
-
-
-
-
-
-
-
-
-
-
RES
in secured OTP
mode & not lock down
ABH
Hi-Z
X
33H
-
-
-.
-
-
-
-
-
-
-
RES
in secured OTP
mode & lock down
ABH
Hi-Z
X
73H
-
-
-.
-
-
-
-
-
-
-
Jedec Read ID
(JEDEC-ID)
9
9FH
Hi-Z
X
8CH
X
20H
X
14H
-
-
-
-
-
-
00H
Hi-Z
X
8CH
X
13H
-
-
Read ID (RDID)
11
90H
Hi-Z
00H
Hi-Z
00H
Hi-Z
01H
Hi-Z
X
13H
X
8CH
-
-
Enable SO to output
RY/
Status during AAI
(EBSY)
70H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Disable SO to output
RY/
Status during AAI
(DBSY)
50MHz
100MHz
80H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-


Similar Part No. - F25L08PA-100DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-100DIG ESMT-F25L08PA-100DIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-100DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com