Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08PA-100PG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-100PG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-100PG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  F25L08PA-100PG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ESMT
F25L08PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.7
4/32
SECTOR STRUCTURE
Table 1: F25L08PA Sector Address Table
Block Address
Block
Sector
Sector Size
(Kbytes)
Address range
A19 A18
A17
A16
255
4KB
0FF000H – 0FFFFFH
:
:
:
15
240
4KB
0F0000H – 0F0FFFH
1
1
1
1
239
4KB
0EF000H – 0EFFFFH
:
:
:
14
224
4KB
0E0000H – 0E0FFFH
1
1
1
0
223
4KB
0DF000H – 0DFFFFH
:
:
:
13
208
4KB
0D0000H – 0D0FFFH
1
1
0
1
207
4KB
0CF000H – 0CFFFFH
:
:
:
12
192
4KB
0C0000H – 0C0FFFH
1
1
0
0
191
4KB
0BF000H – 0BFFFFH
:
:
:
11
176
4KB
0B0000H – 0B0FFFH
1
0
1
1
175
4KB
0AF000H – 0AFFFFH
:
:
:
10
160
4KB
0A0000H – 0A0FFFH
1
0
1
0
159
4KB
09F000H – 09FFFFH
:
:
:
9
144
4KB
090000H – 090FFFH
1
0
0
1
143
4KB
08F000H – 08FFFFH
:
:
:
8
128
4KB
080000H – 080FFFH
1
0
0
0
127
4KB
07F000H – 07FFFFH
:
:
:
7
112
4KB
070000H – 070FFFH
0
1
1
1
111
4KB
06F000H – 06FFFFH
:
:
:
6
96
4KB
060000H – 060FFFH
0
1
1
0
95
4KB
05F000H – 05FFFFH
:
:
:
5
80
4KB
050000H – 050FFFH
0
1
0
1
79
4KB
04F000H – 04FFFFH
:
:
:
4
64
4KB
040000H – 040FFFH
0
1
0
0
63
4KB
03F000H – 03FFFFH
:
:
:
3
48
4KB
030000H – 030FFFH
0
0
1
1


Similar Part No. - F25L08PA-100PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-100PAIG ESMT-F25L08PA-100PAIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100PIG ESMT-F25L08PA-100PIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-100PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com