Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L008A Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L008A
Description  8Mbit (1Mx8) 3V Only Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L008A Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L008A_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F25L008A_1 Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ESMT
F25L008A
Operation Temperature condition -40 C
° ~85 C
°
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.2
10/30
Fast-Read (50 MHz ; 100 MHz)
The High-Speed-Read instruction supporting up to 100 MHz is
initiated by executing an 8-bit command, 0BH, followed by
address bits [A23-A0] and a dummy byte. CE must remain active
low for the duration of the High-Speed-Read cycle. See Figure 3
for the High-Speed-Read sequence.
Following a dummy byte (8 clocks input dummy cycle), the
High-Speed-Read instruction outputs the data starting from the
specified address location. The data output stream is continuous
through all addresses until terminated by a low to high transition
on CE . The internal address pointer will automatically increment
until the highest memory address is reached. Once the highest
memory address is reached, the address pointer will
automatically increment to the beginning (wrap-around) of the
address space, i.e. for 8Mbit density, once the data from address
location FFFFFH has been read, the next output will be from
address location 000000H.
Figure 3 : HIGH-SPEED-READ SEQUENCE
CE
SCK
SI
0 1 2 3 4 5 6 7 8
1516
2324
3132
39 40
4748
55 56
63 64
80
N+4
DOUT
N+3
DOUT
N+2
DOUT
N+1
DOUT
N
DOUT
MSB
MSB
MSB
HIGH IMPENANCE
SO
0B
ADD.
ADD.
ADD.
MODE3
MODE0
71 72
X
Note : X = Dummy Byte : 8 Clocks Input Dummy (VIL or VIH)


Similar Part No. - F25L008A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A-100DG ESMT-F25L008A-100DG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-100DG ESMT-F25L008A-100DG Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-100PAG ESMT-F25L008A-100PAG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-100PAG ESMT-F25L008A-100PAG Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L008A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
logo
AMIC Technology
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
   8Mbit Low Voltage, Serial Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com