Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L008A-100PAG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L008A-100PAG
Description  8Mbit (1Mx8) 3V Only Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L008A-100PAG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L008A-100PAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ESMT
F25L008A
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.6
10/32
instructions effective.
9.
The Read-Electronic-Signature is continuous with on going clock cycles until terminated by a low to high transition on CE .
10. The Jedec-Read-ID is output first byte 8CH as manufacture ID; second byte 20H as top memory type; third byte 14H as memory
capacity.
11. The Write-Enable (WREN) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of each other.
The WRSR instruction must be executed immediately (very next bus cycle) after the WREN instruction to make both instructions
effective. Both EWSR and WREN can enable WRSR, user just need to execute one of it. A successful WRSR can reset WREN.
Read (33 MHz)
The Read instruction supports up to 33 MHz, it outputs the data
starting from the specified address location. The data output
stream is continuous through all addresses until terminated by a
low to high transition on CE . The internal address pointer will
automatically increment until the highest memory address is
reached. Once the highest memory address is reached, the
address pointer will automatically increment to the beginning
(wrap-around) of the address space, i.e. for 8Mbit density, once
the data from address location FFFFFH had been read, the next
output will be from address location 00000H.
The Read instruction is initiated by executing an 8-bit command,
03H, followed by address bits [A23-A0]. CE must remain active
low for the duration of the Read cycle. See Figure 2 for the Read
sequence.
Figure 2 : READ SEQUENCE
CE
SCK
SI
1 2 3 4 5 6 7 8
15 16
23 24
31 32
39 40
47 48
55 56
63 64
70
N+4
DOUT
N+3
DOUT
N+2
DOUT
N+1
DOUT
N
DOUT
MSB
MSB
MSB
HIGH IMPENANCE
SO
03
MODE3
MODE1
ADD.
ADD.
ADD.


Similar Part No. - F25L008A-100PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A-100PAG ESMT-F25L008A-100PAG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L008A-100PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
logo
AMIC Technology
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
   8Mbit Low Voltage, Serial Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com