Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OCU-440UE390-X-T Datasheet(PDF) 4 Page - OSA Opto Light GmbH

Part # OCU-440UE390-X-T
Description  Series 440 - Ceramics High Power UV - LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCU-440UE390-X-T Datasheet(HTML) 4 Page - OSA Opto Light GmbH

  OCU-440UE390-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OCU-440UE390-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OCU-440UE390-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OCU-440UE390-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OCU-440UE390-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
preliminary edition 03/09
© 2009
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Series
Color
Encapsulation
Packaging
OCU-440
-
???????
-
X
-
T
T - taped
X - uncolored clear
Type definition, e.g. OCU-440 UE365-X -T
(general information – not this device specific)
Warnings and Handling Instructions
UV LEDs emit intense but mainly invisible ultraviolet radiation when in
operation, which may be harmful to eyes, even for brief periods.
* DO NOT LOOK DIRECTLY INTO THE UV LED DURING OPERATION *
* BE SURE THAT YOU AND ALL PERSONS IN THE VICINITY WEAR SAFETY
GOGGLES THAT PROVIDE SUITABLE UV PROTECTION WHEN A UV LED IS
OPERATING *
* KEEP CHILDREN AWAY FROM THE OPERATING VICINITY *
* KEEP UV LEDs OUT OF THE REACH OF CHILDREN *
If you incorporate a UV LED into a product, be sure to provide appropriate
cautionary labels and instructions.
Please follow all standard procedures for storing, handling, cleaning,
mounting, soldering, disposal, or otherwise handling LED dies or packaged
LEDs, including static electricity protection.
The user has the responsibility to inform, train and instruct customers and
coworkers
UV- LED are ESD sensitive (Class1). The handling and usage have to consider
this device property
Ordering Code For Parts
N:
28
-
45
P:
45
-
71
Q:
71
-
112
R:
112
-
180
S:
180
-
280
T:
280
-
450
U:
450
-
710
V:
710
-
1120
W:
1120
-
1800
X:
1800
-
2800
Y:
2800
-
4500
Z:
4500
-
7100
LED Intensity Groups [ mW/sr ]
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated
equipment with an accuracy of ± 11 %.


Similar Part No. - OCU-440UE390-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-440UE390 OSA-OCU-440UE390 Datasheet
226Kb / 8P
   devices are ROHS and REACH conform
More results

Similar Description - OCU-440UE390-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-400UE400 OSA-OCU-400UE400 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
OCU-400UA375 OSA-OCU-400UA375 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
logo
Roithner LaserTechnik G...
VL410-EMITTER ROITHNER-VL410-EMITTER Datasheet
694Kb / 3P
   uv high power led
SMB1N-365V ROITHNER-SMB1N-365V Datasheet
705Kb / 4P
   uv high power led
VL390-5050 ROITHNER-VL390-5050 Datasheet
284Kb / 5P
   High Power UV LED
VL400-5050 ROITHNER-VL400-5050 Datasheet
284Kb / 5P
   High Power UV LED
SMB1N-375V-02 ROITHNER-SMB1N-375V-02 Datasheet
750Kb / 4P
   uv high power led
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
RLCU-440 ROITHNER-RLCU-440 Datasheet
400Kb / 4P
   High Power UV-LED
RLCU-440-400 ROITHNER-RLCU-440-400 Datasheet
668Kb / 5P
   high power uv led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com