Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OCU-400UE415-X-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OCU-400UE415-X-T
Description  Series 400 - Ceramics UV - LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCU-400UE415-X-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OCU-400UE415-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OCU-400UE415-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OCU-400UE415-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OCU-400UE415-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OCU-400UE415-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
preliminary edition 03/09
© 2009
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OCU-400 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved. Due to technical requirements components may contain dangerous
substances. The data sheet may changed without prior information; the valid issue will be on our webpage in
internet.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. OSA opto light does not have the responsibility for the reliability
and the degradation behaviour of products made with OSA opto light diodes because they depend not
only on the diode but also on the conditions of manufacture or design of the final products.
Packaging: Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
2000
8000
Tape And Reel Packing


Similar Part No. - OCU-400UE415-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-400UE410 OSA-OCU-400UE410 Datasheet
274Kb / 8P
   devices are ROHS and REACH conform
More results

Similar Description - OCU-400UE415-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-400UA375 OSA-OCU-400UA375 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
OCU-440UE365 OSA-OCU-440UE365 Datasheet
151Kb / 5P
   Series 440 - Ceramics High Power UV - LED
OCL-400MW OSA-OCL-400MW Datasheet
164Kb / 5P
   Series 400 - Ceramics white
OCL-400BA460 OSA-OCL-400BA460 Datasheet
152Kb / 5P
   Series 400 - Ceramics blue
OCL-400GB525 OSA-OCL-400GB525 Datasheet
151Kb / 5P
   Series 400 - Ceramics green
OCL-400OWT OSA-OCL-400OWT Datasheet
478Kb / 7P
   Serie 400 - Ceramics
OCL-400EW OSA-OCL-400EW Datasheet
183Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400EB460 OSA-OCL-400EB460 Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400MY OSA-OCL-400MY Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
logo
Bivar, Inc.
SM1206UV-400-IL BIVAR-SM1206UV-400-IL Datasheet
622Kb / 5P
   SURFACE MOUNT LED 400 nm, 1206 UV IL PACKAGE
Revision B 09/10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com