Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OIS-345880 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OIS-345880
Description  Series 345 - 1206 Sqint-LED 45째 IR high intensity 880 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OIS-345880 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OIS-345880 Datasheet HTML 1Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 2Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 3Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 4Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
preliminary
Features
- with lens, sqint angle 45°
- view angle 40°
- size 1206: 3,2(L) x 1,6(W) x 1,9(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, anode to transporting
perforation
- orientation of radiation to anode
- all devices sorted into luminous intensity classes
- high radiation intensity type
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
50
250
5
100
450
-40...85
-55...85
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Marking
Measurement Switching time (rise & fall)
VF[V]
λp
Ie[mW/sr]
at
IF [mA]
typ [ns]
max [ns]
typ
max
[nm]
min
typ
OIS-345 880
anode
50
20
80
1,4
1,7
875 ±15
4.2
8.8
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 345 - 1206 Sqint-LED 45°
IR high intensity 880 nm
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OIS-345880

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-330-740 OSA-OIS-330-740 Datasheet
221Kb / 7P
   devices are ROHS and REACH conform
OIS-330-770 OSA-OIS-330-770 Datasheet
227Kb / 7P
   circuit substrate: glass laminated epoxy
OIS-330-880 OSA-OIS-330-880 Datasheet
227Kb / 7P
   circuit substrate: glass laminated epoxy
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
OIS-330660-X-TD OSA-OIS-330660-X-TD Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
More results

Similar Description - OIS-345880

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-345SUY OSA-OLS-345SUY Datasheet
127Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 High luminous intensity
OLS-345HYG OSA-OLS-345HYG Datasheet
122Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 green 572 nm
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-210880 OSA-OIS-210880 Datasheet
129Kb / 5P
   Series 210 - side view IR high intensity 880 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-180880 OSA-OIS-180880 Datasheet
123Kb / 5P
   Series 180 - 0805 lower height IR high intensity 880 nm
OIS-150-880 OSA-OIS-150-880 Datasheet
169Kb / 7P
   1206 ??IR, high intensity
OIS-250880 OSA-OIS-250880 Datasheet
119Kb / 5P
   Series 250 - 1206 lower height IR high intensity 870 nm
OIS-150660 OSA-OIS-150660 Datasheet
115Kb / 5P
   Series 150 - 1206 Standard IR high intensity 660-850 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com