Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OIS-345880 Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OIS-345880
Description  Series 345 - 1206 Sqint-LED 45째 IR high intensity 880 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OIS-345880 Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OIS-345880 Datasheet HTML 1Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 2Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 3Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 4Page - OSA Opto Light GmbH OIS-345880 Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
preliminary edition 02/08
© 2008
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OIS-345 ?????-??-T
Intensity group
ZZ
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
2000
8000
Tape And Reel Packing


Similar Part No. - OIS-345880

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-330-740 OSA-OIS-330-740 Datasheet
221Kb / 7P
   devices are ROHS and REACH conform
OIS-330-770 OSA-OIS-330-770 Datasheet
227Kb / 7P
   circuit substrate: glass laminated epoxy
OIS-330-880 OSA-OIS-330-880 Datasheet
227Kb / 7P
   circuit substrate: glass laminated epoxy
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
OIS-330660-X-TD OSA-OIS-330660-X-TD Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
More results

Similar Description - OIS-345880

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-345SUY OSA-OLS-345SUY Datasheet
127Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 High luminous intensity
OLS-345HYG OSA-OLS-345HYG Datasheet
122Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 green 572 nm
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-210880 OSA-OIS-210880 Datasheet
129Kb / 5P
   Series 210 - side view IR high intensity 880 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-180880 OSA-OIS-180880 Datasheet
123Kb / 5P
   Series 180 - 0805 lower height IR high intensity 880 nm
OIS-150-880 OSA-OIS-150-880 Datasheet
169Kb / 7P
   1206 ??IR, high intensity
OIS-250880 OSA-OIS-250880 Datasheet
119Kb / 5P
   Series 250 - 1206 lower height IR high intensity 870 nm
OIS-150660 OSA-OIS-150660 Datasheet
115Kb / 5P
   Series 150 - 1206 Standard IR high intensity 660-850 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com