Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3313A Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 1N3313A
Description  50W ZENER(DO5)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N3313A Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N3313A Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N3313A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N3313 MOTOROLA-1N3313 Datasheet
145Kb / 4P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3313 NJSEMI-1N3313 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
logo
America Semiconductor, ...
1N3313 AMERICASEMI-1N3313 Datasheet
1Mb / 2P
   50W Zener Diodes
logo
American Microsemicondu...
1N3313 AMMSEMI-1N3313 Datasheet
423Kb / 2P
   50 Watt Zener Diode
1N3313 AMMSEMI-1N3313 Datasheet
429Kb / 2P
   50 Watt Zener Diode
More results

Similar Description - 1N3313A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N330 NAINA-1N330_17 Datasheet
149Kb / 2P
   50W Zener Diodes
logo
America Semiconductor, ...
1N3305 AMERICASEMI-1N3305 Datasheet
1Mb / 2P
   50W Zener Diodes
logo
International Rectifier
95PFR120W IRF-95PFR120W Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
50PF80 IRF-50PF80 Datasheet
619Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Shenzhenshi YONGFUKANG ...
CS8626E YONGFUKANG-CS8626E Datasheet
4Mb / 14P
   50W
logo
Semtech Corporation
SET050203 SEMTECH-SET050203 Datasheet
181Kb / 5P
   DO5 STUD HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
SET100203 SEMTECH-SET100203 Datasheet
185Kb / 5P
   DO5 STUD HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
logo
Volgen Kaga Electronics...
STD-0905P VOLGEN-STD-0905P Datasheet
125Kb / 2P
   ADAPTER - 50W
logo
Rosenberger Hochfrequen...
05K160-K50D3 ROSENBERGER-05K160-K50D3 Datasheet
79Kb / 2P
   RPC-N 50W Jack ??7/16 50W Jack
05K160-S50D3 ROSENBERGER-05K160-S50D3 Datasheet
77Kb / 2P
   RPC-N 50W Jack ??7/16 50W Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com