Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-330SYG-X-TD Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OLS-330SYG-X-TD
Description  Series 330 - 1206 with Lens low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-330SYG-X-TD Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OLS-330SYG-X-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-330SYG-X-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-330SYG-X-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-330SYG-X-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-330SYG-X-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
300
250
250
200
200
150
150
100
100
50
50
0
Max. 40 s
10-20 s
230°C
Time (sec)
300
IR reflow
soldering
profile
IR reflow
soldering
profile for lead
free soldering
Manual soldering:
max power of iron 25W/ 3s/ 300°C
Pad TU
Pad TD
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions


Similar Part No. - OLS-330SYG-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330SR-X-TD OSA-OLS-330SR-X-TD Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-330SR-X-TU OSA-OLS-330SR-X-TU Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-330SUD-X-TD OSA-OLS-330SUD-X-TD Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-330SUD-X-TU OSA-OLS-330SUD-X-TU Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
More results

Similar Description - OLS-330SYG-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330BA460 OSA-OLS-330BA460 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens blue
OLS-330UW OSA-OLS-330UW Datasheet
148Kb / 5P
   Series 330 - 1206 with Lens white
OLS-330GB525 OSA-OLS-330GB525 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens green
OLS-330UR OSA-OLS-330UR Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-330EB460 OSA-OLS-330EB460 Datasheet
136Kb / 5P
   Series 330 - 1206 with Lens thin film technology
OLS-330HYG OSA-OLS-330HYG Datasheet
128Kb / 5P
   Series 330 - 1206 with Lens green 572 nm
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-330MY OSA-OLS-330MY Datasheet
137Kb / 5P
   Series 330 - 1206 with Lens thin film technology
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com