Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-330SD-X-TU Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-330SD-X-TU
Description  Series 330 - 1206 with Lens low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-330SD-X-TU Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-330SD-X-TU Datasheet HTML 1Page - OSA Opto Light GmbH OLS-330SD-X-TU Datasheet HTML 2Page - OSA Opto Light GmbH OLS-330SD-X-TU Datasheet HTML 3Page - OSA Opto Light GmbH OLS-330SD-X-TU Datasheet HTML 4Page - OSA Opto Light GmbH OLS-330SD-X-TU Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- with lens, mounting from backside of PCB
- view angle 40°
- size 1206: 3,2(L) x 1,6(W) x 1,9(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- taping: face-up (TU) or face-down (TD) possible
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
100
8
100
450
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-330 R
OLS-330 PG
OLS-330 G
OLS-330 SYG
OLS-330 Y
OLS-330 D
OLS-330 SD
red
pure green
green
green
yellow
orange
red
cathode
cathode
cathode
cathode
cathode
cathode
cathode
20
20
20
20
20
20
20
2,25
2,2
2,2
2,25
2,1
2,1
2,1
2,6
2,6
2,6
2,6
2,6
2,6
2,6
700 *
562
572
572
590
605
625
3.5
7.0
14
35
14
14
14
8.8
14
40
70
40
40
40
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 330 - 1206 with Lens
low cost
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-330SD-X-TU

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330SR-X-TD OSA-OLS-330SR-X-TD Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-330SR-X-TU OSA-OLS-330SR-X-TU Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-330SUD-X-TD OSA-OLS-330SUD-X-TD Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-330SUD-X-TU OSA-OLS-330SUD-X-TU Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
More results

Similar Description - OLS-330SD-X-TU

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330BA460 OSA-OLS-330BA460 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens blue
OLS-330UW OSA-OLS-330UW Datasheet
148Kb / 5P
   Series 330 - 1206 with Lens white
OLS-330GB525 OSA-OLS-330GB525 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens green
OLS-330UR OSA-OLS-330UR Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-330EB460 OSA-OLS-330EB460 Datasheet
136Kb / 5P
   Series 330 - 1206 with Lens thin film technology
OLS-330HYG OSA-OLS-330HYG Datasheet
128Kb / 5P
   Series 330 - 1206 with Lens green 572 nm
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-330MY OSA-OLS-330MY Datasheet
137Kb / 5P
   Series 330 - 1206 with Lens thin film technology
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com