Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGC4000BX-90DS Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FGC4000BX-90DS
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FGC4000BX-90DS Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FGC4000BX-90DS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FGC4000BX-90DS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FGC4000BX-90DS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FGC4000BX-90DS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aug.1998
MITSUBISHI GATE COMMUTATED TURN-OFF THYRISTORS
FGC4000BX-90DS
HIGH POWER INVERTER USE
PRESS PACK TYPE
0
1000
2000
3000
4000
5000
6000
0
400
800
1200
1600
2000
360°
RESISTIVE,
INDUCTIVE
LOAD
θ
DC
270°
θ = 30°
120°
180°
90°
60°
25
50
75
100
125
150
0
2000
500
1000
1500
θ = 30°
180°
DC
270°
60°
120°
90°
360°
RESISTIVE,
INDUCTIVE
LOAD
θ
0
2
4
6
8
10
12
14
16
–40
0
40
80
120
160
VD = 24V
RL = 0.1
DC METHOD
IGT
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
(MAXIMUM)
TURN ON SWITCHING ENERGY
(MAXIMUM)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(RECTANGULAR WAVE)
TURN ON CURRENT (A)
0
4
8
12
16
20
0
1000
2000
3000
4000
5000
VD = 2250V
VDM = VD
0.44 ! IT
diGQ/dt = 6000A/
µs
CC = 6.0
µF
LC = 0.2
µH
Tj = 125°C
TURN OFF CURRENT (A)
TURN OFF SWITCHING ENERGY
(MAXIMUM)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
2000
3000
4000
5000
VD = 2250V
IGM = 200A
diT/dt = 1000A/
µs
diG/dt = 100A/
µs
Tj = 125°C
+


Similar Part No. - FGC4000BX-90DS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Bertech.
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
   Low Profile Ground Cords
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC6000AX-120DS POWEREX-FGC6000AX-120DS Datasheet
30Kb / 2P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC800A-130DS POWEREX-FGC800A-130DS Datasheet
55Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FGC4000BX-90DS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com