Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-250HR-XD-TD Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-250HR-XD-TD
Description  Series 250 - 1206 lower height High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-250HR-XD-TD Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-250HR-XD-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-250HR-XD-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-250HR-XD-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-250HR-XD-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-250HR-XD-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-250 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-250HR-XD-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-250HYG OSA-OLS-250HYG Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
OLS-250HYG-C-T OSA-OLS-250HYG-C-T Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
OLS-250HYG-C-TD OSA-OLS-250HYG-C-TD Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
OLS-250HYG-CD-T OSA-OLS-250HYG-CD-T Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
OLS-250HYG-CD-TD OSA-OLS-250HYG-CD-TD Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
More results

Similar Description - OLS-250HR-XD-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-250880 OSA-OIS-250880 Datasheet
119Kb / 5P
   Series 250 - 1206 lower height IR high intensity 870 nm
OLS-180HY OSA-OLS-180HY Datasheet
124Kb / 5P
   Series 180 - 0805 lower height High luminous intensity
OIS-250660 OSA-OIS-250660 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 660-850 nm
OIS-250885 OSA-OIS-250885 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 885-950 nm
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-152HY OSA-OLS-152HY Datasheet
132Kb / 5P
   Series 152 - 1206 - Bipolar monocolor High luminous intensity
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
OLS-250R OSA-OLS-250R Datasheet
129Kb / 5P
   Series 250 - 1206 lower height low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com