Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC120ULTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC120ULTRT
Description  Low Voltage Synchronous Boost Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120ULTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC120ULTRT Datasheet HTML 4Page - Semtech Corporation SC120ULTRT Datasheet HTML 5Page - Semtech Corporation SC120ULTRT Datasheet HTML 6Page - Semtech Corporation SC120ULTRT Datasheet HTML 7Page - Semtech Corporation SC120ULTRT Datasheet HTML 8Page - Semtech Corporation SC120ULTRT Datasheet HTML 9Page - Semtech Corporation SC120ULTRT Datasheet HTML 10Page - Semtech Corporation SC120ULTRT Datasheet HTML 11Page - Semtech Corporation SC120ULTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
PRELIMINARY
SC120
8
Temperature Reg. — PSAVE Mode (V
OUT = 4.0V)
-50
-25
0
25
50
75
100
3.85
3.9
3.95
4
4.05
Junction Temperature (
o
C)
R1 = 1.37MΩ, R2 = 590kΩ, L = 4.7μH, I
OUT
= 4mA
Temperature Reg. — PWM Mode (V
OUT = 4.0V)
-50
-25
0
25
50
75
100
3.85
3.9
3.95
4
4.05
Junction Temperature (
o
C)
R1 = 1.37MΩ, R2 = 590kΩ, L = 4.7μH, I
OUT
= 75mA
Temperature Reg. — PWM Mode (V
OUT = 3.3V)
-50
-25
0
25
50
75
100
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
Junction Temperature (
o
C)
FB grounded, L = 4.7μH, I
OUT
= 75mA
Temperature Reg. — PSAVE Mode (V
OUT = 1.8V)
-50
-25
0
25
50
75
100
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
Junction Temperature (
o
C)
R1 = 499kΩ, R2 = 1MΩ, L = 4.7μH, I
OUT
= 4mA
Temperature Reg. — PWM Mode (V
OUT = 1.8V)
Temperature Reg. — PSAVE Mode (V
OUT = 3.3V)
-50
-25
0
25
50
75
100
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
Junction Temperature (
o
C)
R1 = 499kΩ, R2 = 1MΩ, L = 4.7μH, I
OUT
= 45mA
-50
-25
0
25
50
75
100
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
Junction Temperature (
o
C)
FB grounded, L = 4.7μH, I
OUT
= 4mA
Typical Characteristics (continued)
V
IN
= 1.5V
V
IN
= 1.1V
V
IN
= 0.7V
V
IN
= 1.5V
V
IN
= 1.1V
V
IN
= 2.0V
V
IN
= 3.0V
V
IN
= 1.0V
V
IN
= 2.0V
V
IN
= 3.0V
V
IN
= 3.0V
V
IN
= 2.0V
V
IN
= 1.0V
V
IN
= 3.0V
V
IN
= 2.0V
V
IN
= 1.0V
V
IN
= 1.0V
V
IN
= 0.7V


Similar Part No. - SC120ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120ULTRT SEMTECH-SC120ULTRT Datasheet
557Kb / 32P
   Low Voltage Synchronous Boost Regulator
More results

Similar Description - SC120ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com