Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC120 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 5 Page - Semtech Corporation

  SC120 Datasheet HTML 1Page - Semtech Corporation SC120 Datasheet HTML 2Page - Semtech Corporation SC120 Datasheet HTML 3Page - Semtech Corporation SC120 Datasheet HTML 4Page - Semtech Corporation SC120 Datasheet HTML 5Page - Semtech Corporation SC120 Datasheet HTML 6Page - Semtech Corporation SC120 Datasheet HTML 7Page - Semtech Corporation SC120 Datasheet HTML 8Page - Semtech Corporation SC120 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
PRELIMINARY
SC120
5
Efficiency vs. I
OUT (VOUT = 4.0V)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R1 = 1.37MΩ, R2 = 590kΩ, L = 4.7μH, T
A
= 25
ο
C
Efficiency vs. I
OUT (VOUT = 4.0V)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R1 = 1.37MΩ, R2 = 590kΩ, L = 4.7μH, V
IN
= 2.4V
Efficiency vs. I
OUT (VOUT = 3.3V)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
FB grounded, L = 4.7μH, V
IN
= 1.5V
Efficiency vs. I
OUT (VOUT = 1.8V)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R1 = 499kΩ, R2 = 1MΩ, L = 4.7μH, T
A
= 25
ο
C
Efficiency vs. I
OUT (VOUT = 1.8V)
Efficiency vs. I
OUT (VOUT = 3.3V)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R1 = 499kΩ, R2 = 1MΩ, L = 4.7μH, V
IN
= 1.1V
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
FB grounded, L = 4.7μH, T
A
= 25
ο
C
Typical Characteristics
V
IN
= 1.5V
V
IN
= 1.1V
V
IN
= 0.7V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
V
IN
= 2.0V
V
IN
= 1.0V
V
IN
= 3.0V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
V
IN
= 2.0V
V
IN
= 1.0V
V
IN
= 3.0V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C


Similar Part No. - SC120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
557Kb / 32P
   Low Voltage Synchronous Boost Regulator
logo
GardTec, Inc.
SC120-P10 GARDTEC-SC120-P10 Datasheet
26Kb / 1P
   Thru-hole Plastic
SC120-P50 GARDTEC-SC120-P50 Datasheet
92Kb / 1P
   PLASTIC FAN GARD
SC120-P51 GARDTEC-SC120-P51 Datasheet
104Kb / 1P
   PLASTIC FAN GARD
SC120-P70 GARDTEC-SC120-P70 Datasheet
923Kb / 1P
   PLASTIC FAN GARD
More results

Similar Description - SC120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com