Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC120 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 4 Page - Semtech Corporation

  SC120 Datasheet HTML 1Page - Semtech Corporation SC120 Datasheet HTML 2Page - Semtech Corporation SC120 Datasheet HTML 3Page - Semtech Corporation SC120 Datasheet HTML 4Page - Semtech Corporation SC120 Datasheet HTML 5Page - Semtech Corporation SC120 Datasheet HTML 6Page - Semtech Corporation SC120 Datasheet HTML 7Page - Semtech Corporation SC120 Datasheet HTML 8Page - Semtech Corporation SC120 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PRELIMINARY
SC120
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
N-Channel ON Resistance
R
DSN
V
OUT
= 3.3V
0.5
Ω
N-Channel Current Limit
I
LIM(N)
V
IN
= 3.0V
0.9
1.2
A
P-Channel Startup Current Limit
I
LIM(P)-SU
V
IN
> V
OUT
, V
EN
> V
IH
150
mA
LX Leakage Current PMOS
I
LXP
T
A
= 25°C, V
LX
= 0V
1
μA
LX Leakage Current NMOS
I
LXN
T
A
= 25°C, V
LX
= 3.3V
1
μA
Logic Input High
V
IH
V
IN
= 3.0V
0.85
V
Logic Input Low
V
IL
V
IN
= 3.0V
0.2
V
Logic Input Current High
I
IH
V
EN
= V
IN
= 3.0V
1
μA
Logic Input Current Low
I
IL
V
EN
= 0V
-0.2
μA
Electrical Characteristics (continued)
NOTES:
(1)
Quiescent operating current is drawn from OUT while in regulation. The quiescent operating current projected to IN is approximately
I
Q
× (V
OUT
/V
IN
).


Similar Part No. - SC120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
557Kb / 32P
   Low Voltage Synchronous Boost Regulator
logo
GardTec, Inc.
SC120-P10 GARDTEC-SC120-P10 Datasheet
26Kb / 1P
   Thru-hole Plastic
SC120-P50 GARDTEC-SC120-P50 Datasheet
92Kb / 1P
   PLASTIC FAN GARD
SC120-P51 GARDTEC-SC120-P51 Datasheet
104Kb / 1P
   PLASTIC FAN GARD
SC120-P70 GARDTEC-SC120-P70 Datasheet
923Kb / 1P
   PLASTIC FAN GARD
More results

Similar Description - SC120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com