Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR64400 Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # ZLR64400
Description  ROM MCU with Learning Amplification
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR64400 Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button ZLR64400 Datasheet HTML 39Page - Maxim Integrated Products ZLR64400 Datasheet HTML 40Page - Maxim Integrated Products ZLR64400 Datasheet HTML 41Page - Maxim Integrated Products ZLR64400 Datasheet HTML 42Page - Maxim Integrated Products ZLR64400 Datasheet HTML 43Page - Maxim Integrated Products ZLR64400 Datasheet HTML 44Page - Maxim Integrated Products ZLR64400 Datasheet HTML 45Page - Maxim Integrated Products ZLR64400 Datasheet HTML 46Page - Maxim Integrated Products ZLR64400 Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
PS024508-0409
Register File Summary
ZLR64400 ROM MCU
Product Specification
37
0F9
All
F9
Interrupt Priority Register
IPR
XXh
83
0FA
All
FA
Interrupt Request Register
IRQ
00h
85
0FB
All
FB
Interrupt Mask Register
IMR
0 XXX_XXXXb
82
0FC
All
FC
Flags Register
FLAGS
XXh
109
0FD
All
FD
Register Pointer
RP
00h
34
0FE
All
FE
User Data Register
USER
XXh
35
0FF
All
FF
Stack Pointer Register
SPL
XXh
35
100–103
General-Purpose Registers (12-Bit Only)
XXh
104–1EF
1
04–EF General-Purpose Registers
XXh
1F0–203
General-Purpose Registers (12-Bit Only)
XXh
204–2EF
2
04–EF General-Purpose Registers
XXh
2F0–303
General-Purpose Registers (12-Bit Only)
XXh
304–3EF
3
04–EF General-Purpose Registers
XXh
3F0–3FF
General-Purpose Registers (12-Bit Only)
XXh
400–CFF
Reserved
D00
D
00
Counter/Timer 8 Control Register
CTR0
00 0 0_0 0 00 b
71
D01
D
01
Timer 8 and Timer 16 Common Functions
CTR1
00 0 0_0 000 b
73
D02
D
02
Counter/Timer 16 Control Register
CTR2
00 0 0_0 000 b
76
D03
D
03
Timer 8/Timer 16 Control Register
CTR3
00 0 0_0 XXXb
77
D04
D
04
Counter/Timer 8 Low Hold Register
TC8L
00h
70
D05
D
05
Counter/Timer 8 High Hold Register
TC8H
00h
70
D06
D
06
Counter/Timer 16 Low Hold Register
TC16L
00h
69
D07
D
07
Counter/Timer 16 High Hold Register
TC16H
00h
69
D08
D
08
Timer 16 Capture Low Register
LO16
00h
68
D09
D
09
Timer 16 Capture High Register
HI16
00h
68
Table 19. Register File Address Summary (Continued)
Address (Hex)
Reset
12-Bit
Bank
8-Bit Register Description
Mnemonic
Page
No


Similar Part No. - ZLR64400

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR64400H2032G ZILOG-ZLR64400H2032G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400H2064G ZILOG-ZLR64400H2064G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400H2832G ZILOG-ZLR64400H2832G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400H2864G ZILOG-ZLR64400H2864G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400P2032G ZILOG-ZLR64400P2032G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
More results

Similar Description - ZLR64400

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR64400ROMMCU ZILOG-ZLR64400ROMMCU Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLP12840OPTMCU ZILOG-ZLP12840OPTMCU Datasheet
2Mb / 58P
   Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
logo
Fortune Semiconductor C...
FS9912 FORTUNE-FS9912 Datasheet
859Kb / 34P
   8-bit MCU with 4k program ROM
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
   8-bit MCU with 1k program ROM
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Core Technology (Shenzh...
CSU8RP1186B CHIPSEA-CSU8RP1186B Datasheet
2Mb / 100P
   OTP ROM 8 RISC MCU
CSU1182 CHIPSEA-CSU1182 Datasheet
1Mb / 94P
   OTP ROM 8 RISC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com