Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR64400 Datasheet(PDF) 77 Page - Maxim Integrated Products

Part # ZLR64400
Description  ROM MCU with Learning Amplification
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR64400 Datasheet(HTML) 77 Page - Maxim Integrated Products

Back Button ZLR64400 Datasheet HTML 73Page - Maxim Integrated Products ZLR64400 Datasheet HTML 74Page - Maxim Integrated Products ZLR64400 Datasheet HTML 75Page - Maxim Integrated Products ZLR64400 Datasheet HTML 76Page - Maxim Integrated Products ZLR64400 Datasheet HTML 77Page - Maxim Integrated Products ZLR64400 Datasheet HTML 78Page - Maxim Integrated Products ZLR64400 Datasheet HTML 79Page - Maxim Integrated Products ZLR64400 Datasheet HTML 80Page - Maxim Integrated Products ZLR64400 Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
19-4624; Rev 0; 5/09
Counter/Timer Registers
ZLR64400 ROM MCU
Product Specification
71
Take care when using the OR or AND commands to manipulate CTR0, bit 5 and CTR1,
bits 0 and 1 (DEMODULATION mode). These instructions use a Read-Modify-Write se-
quence in which the current status from the CTR0 and CTR1 registers is ORed or AND-
ed with the designated value and then written back into the registers.
Example: When the status of bit 5 is 1, a timer reset condition occurs.
Table 35. Counter/Timer 8 Control Register (CTR0)
Bit
7
6
5
4
3
2
1
0
Field
T8_Enable
Single/
Modulo-N
Time_Out
T8 _Clock
Capture_INT_M
ask
Counter_INT_M
ask
P34_Out
Reset
00
0
0
0
0
00
R/W
R/W
R/W
R/W
R/W R/W
R/W
R/W
R/W
Address
Bank D: 00h; Linear: D00h
Bit
Position
Value Description
[7]
0
1
T8_Enable—Disable/enable the T8 counter.
Disable counter.
Enable counter. Configure T8 properly before enabling it.
[6]
0
1
Single Pass/Modulo-N
MODULO-N mode. Counter reloads the initial value when terminal count is reached
SINGLE-PASS mode. Counter stops when the terminal count is reached
[5]
Read:
0
1
Write:
0
1
Time_Out—This bit is set when the T8 terminal count is reached.
No counter time-out occurs.
Counter time-out occurred.
No effect.
Reset Flag to 0. Software must reset this flag before using counter/timers.
[4:3]
00
01
10
11
T8 _Clock—Select the T8 input clock frequency.
These bits are not reset upon Stop Mode Recovery.
SCLK.
SCLK ÷ 2.
SCLK ÷ 4.
SCLK ÷ 8.
[2]
0
1
Capture_INT_Mask—Disable/enable interrupt when data is captured into either LO8
or HI8 upon a positive or negative edge detection in DEMODULATION mode.
This bit is not reset upon Stop Mode Recovery.
Disable data capture interrupt.
Enable data capture interrupt.
Note:


Similar Part No. - ZLR64400

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR64400H2032G ZILOG-ZLR64400H2032G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400H2064G ZILOG-ZLR64400H2064G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400H2832G ZILOG-ZLR64400H2832G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400H2864G ZILOG-ZLR64400H2864G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLR64400P2032G ZILOG-ZLR64400P2032G Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
More results

Similar Description - ZLR64400

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR64400ROMMCU ZILOG-ZLR64400ROMMCU Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLP12840OPTMCU ZILOG-ZLP12840OPTMCU Datasheet
2Mb / 58P
   Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
logo
Fortune Semiconductor C...
FS9912 FORTUNE-FS9912 Datasheet
859Kb / 34P
   8-bit MCU with 4k program ROM
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
   8-bit MCU with 1k program ROM
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Core Technology (Shenzh...
CSU8RP1186B CHIPSEA-CSU8RP1186B Datasheet
2Mb / 100P
   OTP ROM 8 RISC MCU
CSU1182 CHIPSEA-CSU1182 Datasheet
1Mb / 94P
   OTP ROM 8 RISC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com