Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR32300 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ZLR32300
Description  Low-Voltage ROM MCU with Infrared Timers
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR32300 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ZLR32300 Datasheet HTML 2Page - Maxim Integrated Products ZLR32300 Datasheet HTML 3Page - Maxim Integrated Products ZLR32300 Datasheet HTML 4Page - Maxim Integrated Products ZLR32300 Datasheet HTML 5Page - Maxim Integrated Products ZLR32300 Datasheet HTML 6Page - Maxim Integrated Products ZLR32300 Datasheet HTML 7Page - Maxim Integrated Products ZLR32300 Datasheet HTML 8Page - Maxim Integrated Products ZLR32300 Datasheet HTML 9Page - Maxim Integrated Products ZLR32300 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
Crimzon® ZLR32300
Product Specification
19-4623; Rev 0; 5/09
Architectural Overview
1
Architectural Overview
Maxim’s Crimzon® ZLR32300 is an ROM-based member of the MCU family of
infrared microcontrollers. With 237 B of general-purpose RAM and 4 KB to 32 KB
of ROM, CMOS microcontrollers offer fast-executing, efficient use of memory,
sophisticated interrupts, input/output (I/O) bit manipulation capabilities, automated
pulse generation/reception, and internal key-scan pull-up transistors.
The Crimzon ZLR32300 architecture (see Figure 1 on page 4) is based on Maxim’s
8-bit microcontroller core with an Expanded Register File allowing access to
register-mapped peripherals, I/O circuits, and powerful counter/timer circuitry. The
Z8® offers a flexible
I/O scheme, an efficient register and address space structure, and a number of
ancillary features that are useful in many consumer, automotive, computer
peripheral, and
battery-operated hand-held applications.
There are three basic address spaces available to support a wide range of
configurations:
1. Program Memory
2. Register File
3. Expanded Register File
The register file is composed of 256 bytes of RAM. It includes four I/O port
registers, 16 control and status registers, and 236 general-purpose registers. The
Expanded Register File consists of two additional register groups (F and D).
To unburden the program from coping with such real-time problems as generating
complex waveforms or receiving and demodulating complex waveform/pulses, the
Crimzon ZLR32300 offers a new intelligent counter/timer architecture with 8-bit
and
16-bit counter/timers (see Figure 2 on page 5). Also included are a large number of
user-selectable modes and two on-board comparators to process analog signals
with separate reference voltages.
All signals with an overline, “ ”, are active Low. For example,
B/W, in which WORD is active Low, and B/W, in which BYTE is
active Low.
Power connections use the conventional descriptions listed in Table 1.
Note:


Similar Part No. - ZLR32300

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2024G ZILOG-ZLR32300H2024G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2032G ZILOG-ZLR32300H2032G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2824G ZILOG-ZLR32300H2824G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2832G ZILOG-ZLR32300H2832G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
More results

Similar Description - ZLR32300

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Mosel Vitelic, Corp
MSU2052 MOSEL-MSU2052 Datasheet
117Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
STMicroelectronics
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
logo
Maxim Integrated Produc...
ZLR64400 MAXIM-ZLR64400 Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
STMicroelectronics
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com