Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR32300 Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # ZLR32300
Description  Low-Voltage ROM MCU with Infrared Timers
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR32300 Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button ZLR32300 Datasheet HTML 77Page - Maxim Integrated Products ZLR32300 Datasheet HTML 78Page - Maxim Integrated Products ZLR32300 Datasheet HTML 79Page - Maxim Integrated Products ZLR32300 Datasheet HTML 80Page - Maxim Integrated Products ZLR32300 Datasheet HTML 81Page - Maxim Integrated Products ZLR32300 Datasheet HTML 82Page - Maxim Integrated Products ZLR32300 Datasheet HTML 83Page - Maxim Integrated Products ZLR32300 Datasheet HTML 84Page - Maxim Integrated Products ZLR32300 Datasheet HTML 85Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
Crimzon® ZLR32300
Product Specification
19-4623; Rev 0; 5/09
Functional Description
76
R249 IPR(F9H)
Figure 48.Interrupt Priority Register (F9H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt Group Priority
000 Reserved
001 C > A > B
010 A > B >C
011 A > C > B
100 B > C > A
101 C > B > A
110 B > A > C
111 Reserved
IRQ1, IRQ4, Priority
(Group C)
0: IRQ1 > IRQ4
1: IRQ4 > IRQ1
IRQ0, IRQ2, Priority
(Group B)
0: IRQ2 > IRQ0
1: IRQ0 > IRQ2
IRQ3, IRQ5, Priority
(Group A)
0: IRQ5 > IRQ3
1: IRQ3 > IRQ5
Reserved; must be 0


Similar Part No. - ZLR32300

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2024G ZILOG-ZLR32300H2024G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2032G ZILOG-ZLR32300H2032G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2824G ZILOG-ZLR32300H2824G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
ZLR32300H2832G ZILOG-ZLR32300H2832G Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
More results

Similar Description - ZLR32300

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Mosel Vitelic, Corp
MSU2052 MOSEL-MSU2052 Datasheet
117Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
STMicroelectronics
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
logo
Maxim Integrated Produc...
ZLR64400 MAXIM-ZLR64400 Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
STMicroelectronics
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com