Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500S012-Z237B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500S012-Z237B
Description  Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500S012-Z237B Datasheet(HTML) 1 Page - Glenair, Inc.

  500S012-Z237B Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-10
E-Mail: sales@glenair.com
MATERIALS
Shell
Aluminum Alloy 6061 -T6
Clips
17-7PH Stainless Steel
Hardware
300 Series Stainless Steel
HOW TO ORDER 500-012 QWIK-TY STRAIN RELIEF BACKSHELLS
Series
Shell Finish
Connector Size
Hardware Option
Top Entry
500T012
Side Entry
500S012
45° Entry
500E012
E
Chem Film (Alodyne)
J
Cadmium, Yellow Chromate
M
Electroless Nickel
NF Cadmium, Olive Drab
Z2 Gold
09
15
21
25
31
37
51
51-2
67
69
100
B Fillister Head Jackscrew
H Hex Head Jackscrew
E Extended Jackscrew
F Jackpost, Female
Sample Part Number
500T012
– M
25
H
Micro-D Backshells
Strain Relief, Qwik-Ty, One Piece 500-012
C
B
A
F
CONNECTOR ORDERED
SEPARATELY
SHOWN WITH B FILLISTER HEAD
JACKSCREW
T - TOP ENTRY
E
H
D
.175 (4.4)
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
.38 (9.65)
CONNECTOR ORDERED
SEPARATELY
N
M
SHOWN WITH H HEX HEAD
JACKSCREW AND F FEMALE JACKPOST
E - 45º ENTRY
CONNECTOR ORDERED
SEPARATELY
S - SIDE ENTRY
SHOWN WITH E EXTENDED
JACKSCREW
L
K
F
J
Qwik-Ty Backshell is stocked in all
sizes. Choose “M” Nickel Finish and “T”
top entry for best availability. Customer-
furnished cable ties provide strain relief
to wire bundles. Suitable for jacketed
cable or use with individual wires.
Size
A Max.
B Max.
C
D Max.
E Max.
F
H Max.
J Max.
K
L Max.
M Max.
N Max.
In. mm. In. mm. In. mm. In. mm. In. mm.
In.
± .005
mm.
± 0.13
In. mm. In. mm. In. mm. In. mm. In. mm.
In.
mm.
09
.850 21.59
.370
9.40
.565 14.35
.780 19.81
.410 10.41
.156
3.18
.350
8.89
.637 16.18
.435 11.05 1.040 26.42 1.000 25.40
.680 17.27
15
1.000 25.40
.370
9.40
.715 18.16
.910 23.11
.580 14.73
.188
3.96
.470 11.94
.673 17.09
.440 11.20 1.170 29.72 1.030 26.16
.730 18.54
21
1.150 29.21
.370
9.40
.865 21.97 1.030 26.16
.740 18.80
.219
4.78
.590 14.99
.707 17.95
.458 11.63 1.290 32.77 1.050 26.67
.765 19.43
25
1.250 31.75
.370
9.40
.965 24.51 1.090 27.69
.850 21.59
.250
5.56
.650 16.51
.748 19.00
.483 12.27 1.350 34.29 1.090 27.69
.830 21.08
31
1.400 35.56
.370
9.40 1.115 28.32 1.150 29.21
.980 24.89
.265
6.35
.710 18.03
.756 19.20
.476 12.09 1.420 36.07 1.130 28.70
.890 22.61
37
1.550 39.37
.370
9.40 1.265 32.13 1.190 30.23 1.130 28.70
.281
7.14
.750 19.05
.774 19.66
.478 12.14 1.450 36.83 1.230 31.24
.955 24.26
51
1.500 38.10
.410 10.41 1.215 30.86 1.220 30.99 1.080 27.43
.312
7.92
.780 19.81
.859 21.82
.548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
51-2 1.910 48.51
.370
9.40 1.615 41.02 1.220 30.99 1.510 38.35
..281 7.14
.780 19.81
.859 21.82
.548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
67
2.310 58.67
.370
9.40 2.015 51.18 1.220 30.99 1.880 47.75
.281
7.14
.780 19.81
.859 21.82
.548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
69
1.810 45.97
.410 10.41 1.515 38.48 1.220 30.99 1.380 47.75
.312
7.92
.780 19.81
.859 21.82
.548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
100 2.235 56.77
.460 11.68 1.800 45.72 1.280 32.51 1.470 37.34
.375
9.53
.840 21.34 1.014 25.76
.687 17.45 1.580 40.13 1.320 33.53 1.080 27.43


Similar Part No. - 500S012-Z237B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
500S1103103XXXX VISHAY-500S1103103XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
500S1103220XXXX VISHAY-500S1103220XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
500S1103470XXXX VISHAY-500S1103470XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
500S1220103XXXX VISHAY-500S1220103XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
500S1220220XXXX VISHAY-500S1220220XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
More results

Similar Description - 500S012-Z237B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T012E09B04 GLENAIR-500T012E09B04 Datasheet
207Kb / 1P
   Qwik-Ty Strain Relief Backshell
507-198-E09 GLENAIR-507-198-E09 Datasheet
82Kb / 1P
   Micro-D Backshells Strain Relief, Saddle Bars
290WA003Z1 GLENAIR-290WA003Z1 Datasheet
428Kb / 1P
   Strain Relief Backshells
500-047-E09BB GLENAIR-500-047-E09BB Datasheet
97Kb / 1P
   Micro-D Backshells EMI, Elliptical, One Piece 500-047
500-016-E09BN4-06 GLENAIR-500-016-E09BN4-06 Datasheet
101Kb / 1P
   Micro-D Backshells Switching/Shorting, One Piece 500-016
M85049-48-1F GLENAIR-M85049-48-1F Datasheet
80Kb / 1P
   Rectangular Strain-Relief Backshells
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507-142-E09B GLENAIR-507-142-E09B Datasheet
98Kb / 1P
   Micro-D Backshells Dual Entry EMI, One Piece 507-142
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
M83723-35M-08A GLENAIR-M83723-35M-08A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com