Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19996A Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX19996A
Description  SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19996A Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX19996A Datasheet HTML 8Page - Maxim Integrated Products MAX19996A Datasheet HTML 9Page - Maxim Integrated Products MAX19996A Datasheet HTML 10Page - Maxim Integrated Products MAX19996A Datasheet HTML 11Page - Maxim Integrated Products MAX19996A Datasheet HTML 12Page - Maxim Integrated Products MAX19996A Datasheet HTML 13Page - Maxim Integrated Products MAX19996A Datasheet HTML 14Page - Maxim Integrated Products MAX19996A Datasheet HTML 15Page - Maxim Integrated Products MAX19996A Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SiGe, High-Linearity, 2000MHz to 3900MHz
Downconversion Mixer with LO Buffer
12
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(
Typical Application Circuit with tuning elements outlined in Table 1, VCC = 5.0V, fRF = 2000MHz to 3000MHz, LO is high-side
injected for a 300MHz IF, PRF = -5dBm, PLO = 0dBm, TC = +25°C, unless otherwise noted.)
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
3100
2900
2700
2500
-30
-20
-10
-40
2300
3300
TC = -30°C
TC = +25°C
TC = +85°C
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
3100
2900
2700
2500
-30
-20
-10
-40
2300
3300
PLO = -3dBm, 0dBm, +3dBm
LO LEAKAGE AT IF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
3100
2900
2700
2500
-30
-20
-10
-40
2300
3300
VCC = 4.75V, 5.0V, 5.25V
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
40
30
50
60
20
2000
3000
TC = -30°C
TC = +85°C
TC = +25°C
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
40
30
50
60
20
2000
3000
PLO = -3dBm, 0dBm, +3dBm
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
40
30
50
60
20
2000
3000
VCC = 4.75V
VCC = 5.0V, 5.25V
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
3180
2960
2740
2520
-20
-30
-25
-15
-10
-40
-35
2300
3400
TC = -30°C
TC = +25°C, +85°C
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
3180
2960
2740
2520
-20
-30
-25
-15
-10
-40
-35
2300
3400
PLO = -3dBm, 0dBm, +3dBm
LO LEAKAGE AT RF PORT
vs. LO FREQUENCY
LO FREQUENCY (MHz)
3180
2960
2740
2520
-20
-30
-25
-15
-10
-40
-35
2300
3400
VCC = 5.25V
VCC = 4.75V, 5.0V


Similar Part No. - MAX19996A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996ETP MAXIM-MAX19996ETP Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996ETPT MAXIM-MAX19996ETPT Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
More results

Similar Description - MAX19996A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com