Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17528GTJ+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17528GTJ+
Description  1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17528GTJ+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17528GTJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
1-Phase Quick-PWM
Intel IMVP-6.5/GMCH Controllers
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted. Circuit of Figure 1.)
VOUT = 0.65V NO-LOAD
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
18
12
1
10
100
0.1
624
15
921
ICC + IDD (PWM)
ICC + IDD (SKIP)
IIN (PWM)
IIN (SKIP)
SKIP MODE
PWM MODE
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
18
12
1
10
100
0.1
624
15
921
ICC + IDD (PWM)
ICC + IDD (SKIP)
IIN (PWM)
SKIP MODE
PWM MODE
IIN (SKIP)
IMON CURRENT AND ERROR
vs. LOAD CURRENT
MAX17528 toc12
VCSP-N (mV)
12
14
10
8
6
24
8
12
0
4
16
20
30
45
75
0
15
60
016
SKIP
PWM
IMON TRANSCONDUCTANCE
DISTRIBUTION
IMON TRANSCONDUCTANCE (mS)
90
0
30
50
70
40
10
20
60
80
SAMPLE SIZE = 100
+85
°C
+25
°C
0.8125V OUTPUT VOLTAGE DISTRIBUTION
OUTPUT VOLTAGE (V)
70
0
40
50
60
10
20
30
SAMPLE SIZE = 100
+85
°C
+25
°C
Gm (FB) TRANSCONDUCTANCE DISTRIBUTION
TRANSCONDUCTANCE (
µS)
0
40
50
60
10
20
30
SAMPLE SIZE = 100
+85
°C
+25
°C


Similar Part No. - MAX17528GTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17521 MAXIM-MAX17521 Datasheet
657Kb / 22P
   60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 6/17
MAX17521 MAXIM-MAX17521 Datasheet
885Kb / 10P
   3.3V and 5V Output-Voltage Application
Rev 1; 7/17
MAX17521ATG MAXIM-MAX17521ATG Datasheet
657Kb / 22P
   60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 6/17
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
   3.3V and 5V Output-Voltage Application
Rev 1; 7/17
MAX17523 MAXIM-MAX17523 Datasheet
1Mb / 10P
   4.5V to 36V Operating Voltage Range
Rev 0; 12/16
More results

Similar Description - MAX17528GTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
Linear Technology
LTC3816 LINER-LTC3816_15 Datasheet
763Kb / 44P
   Single-Phase Wide VIN Range DC/DC Controller for Intel IMVP-6/IMVP-6.5 CPUs
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com