Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17061AETI+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17061AETI+
Description  8-String White LED Driver with SMBus for LCD Panel Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17061AETI+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17061AETI+ Datasheet HTML 1Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
8-String White LED Driver with
SMBus for LCD Panel Applications
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VIN = 12V, CCCV = 0.022µF, RCCV = 5.1kΩ, VISET = VOSC = VDD = VCC = 5V, RFSET = 464kΩ, VPWMI = GND,
TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM FILTER
PWM Output Impedance
20
40
60
k
RFSET = 464k
197
200
203
RFSET = 113k
750
785
820
Hz
RFSET = 65k
1.270
1.335
1.400
DPWM Oscillator Frequency
RFSET = 42k
2
kHz
PWMI Input Frequency Range
5
10
100
kHz
PWMI Full-Range Accuracy
5
LSB
PWMI duty cycle = 100%
98
100
PWMI duty cycle = 50%
48
50
52
PWMI Brightness Setting
PWMI duty cycle = 0%
2.6
2.7
2.8
%
SMBus TIMING SPECIFICATION
SMBus Frequency
FSMB
10
100
kHz
Bus Free Time
TBUF
4.7
μs
START Condition Hold Time
from SCL
THD:STA
4
μs
START Condition Setup Time
from SCL
TSU:STA
4.7
μs
STOP Condition Setup Time
from SCL
TSU:STO
4
μs
SDA Hold Time from SCL
THD:DAT
300
μs
SDA Setup Time from SCL
TSU:DAT
250
μs
SCL Low Period
TLOW
4.7
μs
SCL High Period
THIGH
4
μs
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, CCCV = 0.022µF, RCCV = 5.1kΩ, VISET = VOSC = VDD = VCC, 5V = RFSET = 464kΩ, VPWMI = GND,
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Input Voltage Range
7.5
26
V
Rising edge
7.08
7.32
IN UVLO Threshold
Falling edge
6.86
7.1
V
IN Pin Input Current
VIN = 26V
MAX17061A is enabled
110
μA
VCC Input Voltage
4.5
5.5
V
VCC UVLO Threshold
Rising edge, typical hysteresis = 10mV
4.00
4.45
V
VCC Quiescent Current
MAX17061A is enabled
2
mA
VCC Shutdown Current
MAX17061A is disabled
10
μA


Similar Part No. - MAX17061AETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061AEVCMAXQU MAXIM-MAX17061AEVCMAXQU Datasheet
332Kb / 11P
   MAX17061A Evaluation Kit/Evaluation System
Rev 0; 5/09
MAX17061AEVKIT MAXIM-MAX17061AEVKIT Datasheet
332Kb / 11P
   MAX17061A Evaluation Kit/Evaluation System
Rev 0; 5/09
More results

Similar Description - MAX17061AETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
logo
Maxim Integrated Produc...
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
   8 String White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com