Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17061AETI+ Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17061AETI+
Description  8-String White LED Driver with SMBus for LCD Panel Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17061AETI+ Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17061AETI+ Datasheet HTML 16Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 17Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 18Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 19Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 20Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 21Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 22Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 23Page - Maxim Integrated Products MAX17061AETI+ Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
The MAX17061A has a minimum inductor value limita-
tion for a stable operation in CCM mode at low input
voltage because of the internal fixed-slope compensa-
tion. The minimum inductor value for stability is calcu-
lated with the following equation:
where 24.7mV is a scale factor from slope compensa-
tion, and the RS is the equivalent current-sensing scale
factor (12m
Ω typ):
1) Choose an available inductor value from an appropri-
ate inductor family. Calculate the maximum DC input
current at the minimum input voltage VIN(MIN), using
conservation of energy and the expected efficiency
at that operating point (
ηMIN) taken from an appropri-
ate curve in the
Typical Operating Characteristics:
2) Calculate the ripple current at that operating point
and the peak current required for the inductor:
Inductor Selection in DCM Operation
When DCM operating mode is chosen to minimize the
inductor value, the calculations are different from those
above in CCM mode. The maximum inductor value for
DCM mode is calculated with the following equation:
The peak-inductor current in DCM is calculated with fol-
lowing equation:
The inductor’s saturation current rating should exceed
IPEAK and the inductor’s DC current rating should
exceed IIN(DC,MAX). For good efficiency, choose an
inductor with less than 0.1
Ω series resistance.
Inductor Selection Design
Examples:
Considering the
Typical Operating Circuit with four
10-LED strings and 25mA LED full-scale current, the
maximum load current (IOUT(MAX)) is 100mA with a
35.9V output and a minimal input voltage of 7V.
Choosing a CCM operating mode with LIR = 1 at 1MHz
and estimating efficiency of 85% at this operating point:
In CCM, the inductor has to be higher than LCCM(MIN):
A10µH inductor is chosen, which is higher than the
minimum L that guarantees stability in CCM.
The peak-inductor current at minimum input voltage is
calculated as follows:
Alternatively, choosing a DCM operating mode at 750kHz
and estimating efficiency of 85% at this operating point:
A 4.7µH inductor is chosen. The peak inductor current
at minimum input voltage is calculated as follows:
Output Capacitor Selection
The total output voltage ripple has two components: the
capacitive ripple caused by the charging and discharging
on the output capacitor, and the ohmic ripple due to the
capacitor’s equivalent series resistance (ESR):
and:
V
I
C
VV
Vf
RIPPLE C
OUT MAX
OUT
OUT MAX
IN MIN
OUT MAX OSC
()
()
()
(
)
()
VV
V
RIPPLE
RIPPLE C
RIPPLE ESR
=+
()
(
)
I
mA
V
V
V
V
uH
MHz
V
V
A
PEAK =
××
×
+
()
××
×
+
()
=
100
2 35 9
35 9
0 4
7
47
0675
085
359
04
147
..
.
..
.
.
.
.
L
V
VV
V
MHz
V
mA
H
DCM MAX
()
..
()
.
..
.
=−
+
⎝⎜
⎠⎟
×
×
××
×
=
1
7
35 9
0 4
70 85
2 0 825
35 9
100
56
2
μ
I
mA
V
V
VV
V
H
V
MHz
A
PEAK =
×
×
+
×−
()
××
×
=
100
35 9
70 85
735 9
7
210
35 9
0 9
092
.
.
.
..
.
μ
L
VV
V
m
mV
MHz
H
CCM MIN
()
..
..
.
=
+− ×
()×
××
=
35 9
0 4
2 7
12
224 7
0 9
60
Ω
μ
L
V
V
VV
mA
MHz
H
= ⎛
⎝⎜
⎠⎟
×
⎝⎜
⎠⎟
⎝⎜
⎠⎟
=
7
35 9
35 9
7
100
1
085
1
944
2
.
..
.
μ
II
I
PEAK
IN DCMAX
RIPPLE
=+
(,
)
2
L
V
VV
V
fV
I
DCM MAX
IN MIN
OUT MAX
DIODE
IN MIN
OSC MAX
OUT MAX
OUT MAX
()
()
()
()
()
()
()
=−
+
×
×
××
×
1
2
2
η
I
VV
V
LV
f
RIPPLE
IN MIN
OUT MAX
IN MIN
OUT MAX
OSC
=
×−
()
××
()
(
)
()
()
I
IV
V
IN DCMAX
OUT MAX
OUT
IN MIN
MIN
(,
)
()
()
=
×
×η
L
VV
V
R
mV f
CCM MIN
OUT MAX
DIODE
IN MIN
S
OSC MIN
()
()
(
)
()
.
=
+− ×
()×
××
2
224 7
8-String White LED Driver with
SMBus for LCD Panel Applications
______________________________________________________________________________________
21


Similar Part No. - MAX17061AETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061AEVCMAXQU MAXIM-MAX17061AEVCMAXQU Datasheet
332Kb / 11P
   MAX17061A Evaluation Kit/Evaluation System
Rev 0; 5/09
MAX17061AEVKIT MAXIM-MAX17061AEVKIT Datasheet
332Kb / 11P
   MAX17061A Evaluation Kit/Evaluation System
Rev 0; 5/09
More results

Similar Description - MAX17061AETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
logo
Maxim Integrated Produc...
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
   8 String White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com