Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17035ETG+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17035ETG+
Description  High-Frequency, Low-Cost SMBus Chargers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17035ETG+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17035ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 12Page - Maxim Integrated Products MAX17035ETG+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
High-Frequency,
Low-Cost SMBus Chargers
_______________________________________________________________________________________ 9
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO, VDCIN = VCSSP = VCSSN = 19V, VLX = 0V, VBST - VLX = 5V, VBATT = VCSIP = VCSIN = 16.8V,
TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
Note 1: Adapter Present conditions are tested at VDCIN = 19V and VBATT = 16.8V. Adapter Absent conditions are tested at VDCIN
= 16V, VBATT = 16.8V.
Note 2: Specifications to -40°C are guaranteed by design and not production tested.
Typical Operating Characteristics
(Circuit of Figure 1, VIN = 19V, VCC = VDD = 5V, EN = VCC, TA = +25NC, unless otherwise specified.)
INPUT CURRENT-LIMIT ERROR
vs. INPUT CURRENT-LIMIT SETTING
INPUT CURRENT-LIMIT SETTING (A)
6
4
2
-2
0
2
4
6
8
10
12
14
16
-4
0
8
INPUT CURRENT-LIMIT ERROR
vs. SYSTEM CURRENT
SYSTEM CURRENT (A)
3
2
1
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
-4.0
0
4
VBATT = 16.8V
INPUT CURRENT LIMIT = 3.584A
VBATT = 12.6V
VBATT = 8.4V
IINP ERROR vs. SYSTEM CURRENT
(DC SWEEP)
VCSSP - VCSSN (mV)
40
20
0
5
10
15
20
25
30
-5
0
60
VADAPTER = 0V, VBATT = 15V
VADAPTER = 20V
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Hold Time from SCL
tHD:DAT
300
ns
Setup Time from SCL
tSU:DAT
250
ns
SCL Low Period
tLOW
4.7
F
s
SCL High Period
tHIGH
4
F
s
Maximum Charging Period
Without a Charge_Voltage() or
ChargeCurrent() Command
140
210
s


Similar Part No. - MAX17035ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17030GTL++ MAXIM-MAX17030GTL+ Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17031ETG++ MAXIM-MAX17031ETG+ Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
More results

Similar Description - MAX17035ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17435 MAXIM-MAX17435 Datasheet
2Mb / 28P
   High-Frequency, Low-Cost SMBus Chargers
2010
MAX17005A MAXIM-MAX17005A Datasheet
304Kb / 23P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
MAX17005 MAXIM-MAX17005 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
   LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com