Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17015BETP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17015BETP+
Description  1.2MHz, Low-Cost, High-Performance Chargers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17015BETP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17015BETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 10Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 11Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 12Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 13Page - Maxim Integrated Products MAX17015BETP+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
10
______________________________________________________________________________________
BATT
ADAPTER
BST
CSSP
CSSN
DHI
LX
DLO
PGND
RS1
15m
Ω
CSIN
CSIP
BATT
BATTERY
CC
VCTL
ISET
LDO
AGND
IINP
VAA
ADAPTER
PWM SIGNAL
R1
22.6k
Ω
C4
0.68
μF
C2
0.1
μF
C5
0.01
μF
R2
R3
R4
200k
Ω
R6
200k
Ω
CIN
COUT
RS2
10m
Ω
N1
N2
N3
N4
Q1b
C3
1
μF
C1
4.7
μF
R7
R8
ONLY FOR MAX17015B
L1
SYSTEM LOAD
D1
C6
1
μF
CIN = 2 x 4.7
μF
COUT = 4.7
μF
L1 = 2
μH
R9
2M
Ω
Q1a
DCIN
C7
0.1
μF
RACIN1
RACIN2
ACIN
ACOK
LDO
10k
Ω
MAX17005B
MAX17006B
MAX17015B
Figure 1. Typical Operating Circuit
Detailed Description
The MAX17005B/MAX17006B/MAX17015B include all
the functions necessary to charge Li+, NiMH, and NiCd
batteries. An all n-channel synchronous-rectified step-
down DC-DC converter is used to implement a preci-
sion constant-current, constant-voltage charger. The
charge current and input current-limit sense amplifiers
have low-input offset errors (250μV typ), allowing the
use of small-value sense resistors.
The MAX17005B/MAX17006B/MAX17015B use a new
thermally optimized high-frequency architecture. With this
new architecture, the switching frequency is adjusted to
control the power dissipation in the high-side
MOSFET. Benefits of the new architecture include
reduced output capacitance and inductance, resulting in
smaller PCB area and lower cost.


Similar Part No. - MAX17015BETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17015B MAXIM-MAX17015B Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
More results

Similar Description - MAX17015BETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17005A MAXIM-MAX17005A Datasheet
304Kb / 23P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
MAX17005 MAXIM-MAX17005 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17435 MAXIM-MAX17435 Datasheet
2Mb / 28P
   High-Frequency, Low-Cost SMBus Chargers
2010
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com