Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450FB030XW16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 450FB030XW16
Description  Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

450FB030XW16 Datasheet(HTML) 1 Page - Glenair, Inc.

  450FB030XW16 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-89
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
450-030
Composite Qwik-Ty® Strain-Relief
with Self-Locking Rotatable Coupling and Ground Lug
Straight, 45° and 90°
Cable Entry
Max
.25
(6.4)
.38
(9.7)
.50
(12.7)
.63
(16.0)
.75
(19.1)
.81
(21.8)
.94
(23.9)
1.06
(26.9)
1.19
(30.2)
1.38
(35.1)
G
Max
1.22
(31.0)
1.29
(32.8)
1.62
(41.1)
1.66
(42.2)
1.72
(43.7)
1.72
(43.7)
1.79
(45.5)
1.85
(47.0)
1.91
(48.5)
2.07
(52.6)
TABLE II: CONNECTOR SHELL SIZE ORDER NUMBER
H
Max
1.14
(29.0)
1.14
(29.0)
1.14
(29.0)
1.64
(41.7)
1.64
(41.7)
1.74
(44.2)
1.74
(44.2)
1.74
(44.2)
1.95
(49.5)
n/a
E
Code A,F,H
Max
1.14
(29.0)
1.14
(29.0)
1.20
(30.5)
1.38
(35.1)
1.38
(35.1)
1.44
(36.6)
1.57
(39.9)
1.69
(42.9)
1.83
(46.5)
1.99
(50.5)
E
Code G,U
Max
1.30
(33.0)
1.36
(34.5)
1.54
(39.1)
1.54
(39.1)
1.69
(42.9)
1.73
(43.9)
1.91
(48.5)
1.99
(50.5)
2.15
(54.6)
F
Max
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
.75
(19.0)
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
G
11
13
15
17
19
23
25
U
08
10
12
14
16
18
20
22
24
.14 (3.6)
Diameter
Hole, Typical
G
F
H
E
MS3367-1
Tie Strap or
Equivalent
Cable
Entry
Ground Lug, for
No. 4 Screw
Anti-Decoupling
Device
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
LOW PROFILE
Connector Designator
A, F, L, H, G and U
450 H S 030 XM 19
Connector
Shell Size
(See Table II)
Product Series
450 - Qwik-Ty Strain Relief
Basic Part
Number
Angle and Profile
A - 90° Elbow
B - 45° Clamp
S - Straight
Finish Symbol
(See Table III)
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium/Olive
Drab over Electroless Nickel
XB
No Plating - Black Material
XO
No Plating - Brown Material


Similar Part No. - 450FB030XW16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450FB001M08 GLENAIR-450FB001M08 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450FB001M10 GLENAIR-450FB001M10 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450FB001M12 GLENAIR-450FB001M12 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450FB001M14 GLENAIR-450FB001M14 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
450FB001M16 GLENAIR-450FB001M16 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
More results

Similar Description - 450FB030XW16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
   Strain-Relief with Self-Locking Rotatable Coupling
319A065XO08R GLENAIR-319A065XO08R Datasheet
444Kb / 2P
   Self-Locking Rotatable Coupling
319A064XO08A GLENAIR-319A064XO08A_08 Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
620-048 GLENAIR-620-048 Datasheet
206Kb / 1P
   Self-Locking Rotatable Coupling
620MA065-90 GLENAIR-620MA065-90 Datasheet
180Kb / 1P
   Rotatable Coupling Strain Relief Clamp
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
620HS011M17 GLENAIR-620HS011M17 Datasheet
150Kb / 3P
   Strain Relief Rotatable Coupling - Straight and 90°
620MS064 GLENAIR-620MS064 Datasheet
149Kb / 1P
   Direct or Rotatable Coupling Strain Relief Clamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com